Electronic Components Datasheet Search |
|
PS21997-4A Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor |
|
PS21997-4A Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor |
6 / 11 page MITSUBISHI SEMICONDUCTOR <Dual-In-Line Package Intelligent Power Module> PS21997-4/-4A/-4C/-4W TRANSFER-MOLD TYPE INSULATED TYPE Sep. 2008 6 CONTROL (PROTECTION) PART Note 4 : Short circuit protection works only for the N-side. Please select the external shunt resistance such that the SC trip-level is up to 1.7 times of the current rating. 5: Fault signal is asserted only corresponding to a SC or a UV failure at N-side, and the Fo pulse width is different for each failure modes. For SC failure, Fo output is with a fixed width of 40 µs(min), but for UV failure, Fo outputs continuously during the whole UV period, however, the minimum Fo pulse width is 40 µs(min) for very short UV period less than 40µs. Symbol ID VFOH VFOL VSC(ref) IIN UVDBt UVDBr UVDt UVDr tFO Vth(on) Vth(off) Vth(hys) Parameter Condition Limits Unit VD = VDB = 15V VIN = 5V VSC = 0V, FO terminal pull-up to 5V by 10k Ω VSC = 1V, IFO = 1mA VD = 15V (Note 4) VIN = 5V Trip level Reset level Trip level Reset level (Note 5) Applied between UP, VP, WP, UN, VN, WN-VNC — — — — 4.9 — 0.43 0.70 10.0 10.5 10.3 10.8 40 — 0.8 0.35 — — — — — — 0.48 1.00 — — — — — 2.1 1.3 0.65 2.80 0.55 2.80 0.55 — 0.95 0.53 1.50 12.0 12.5 12.5 13.0 — 2.6 — — Min. Typ. Max. mA mA mA mA V V V mA V V V V µs V V V VD = VDB = 15V VIN = 0V Tj ≤ 125°C Circuit current Fault output voltage Short circuit trip level Control supply under-voltage protection Fault output pulse width ON threshold voltage OFF threshold voltage ON/OFF threshold hysteresis voltage Total of VP1-VNC, VN1-VNC VUFB-U, VVFB-V, VWFB-W Total of VP1-VNC, VN1-VNC VUFB-U, VVFB-V, VWFB-W Input current Note 7: Flatness measurement position +– + – Heat sink side Heat sink side 4.6mm Measurement position 17.5mm Mounting screw : M3 (Note 6) Condition Parameter Limits Mounting torque Weight Heat-sink flatness Min. MECHANICAL CHARACTERISTICS AND RATINGS Typ. Max. 0.59 — –50 Unit — 10 — 0.78 — 100 N·m g µm Recommended : 0.69 N·m (Note 7) Note 6 : Plain washers (ISO 7089~7094) are recommended. |
Similar Part No. - PS21997-4A |
|
Similar Description - PS21997-4A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |