Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXL1008P Datasheet(PDF) 2 Page - Sony Corporation

Part # CXL1008P
Description  CMOS-CCD Signal Processor for Skew Compensation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL1008P Datasheet(HTML) 2 Page - Sony Corporation

  CXL1008P Datasheet HTML 1Page - Sony Corporation CXL1008P Datasheet HTML 2Page - Sony Corporation CXL1008P Datasheet HTML 3Page - Sony Corporation CXL1008P Datasheet HTML 4Page - Sony Corporation CXL1008P Datasheet HTML 5Page - Sony Corporation CXL1008P Datasheet HTML 6Page - Sony Corporation CXL1008P Datasheet HTML 7Page - Sony Corporation CXL1008P Datasheet HTML 8Page - Sony Corporation CXL1008P Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
– 2 –
CXL1008M/P
Block Diagram
2
3
4
5
6
7
8
9
10
11
12
13
14
1
15
16
17
18
19
20
21
22
23
24
25
26
27
28
SIG IN1
MUTE IN
T7
T2
T1
T8
EXT VD
JOG IN
SKEW IN
T9
T10
OUTPUT
CONTROL
50mV
REFERENCE
50mV
OUTPUT
CIRCUIT
1/2H
D
AUTOBIAS
CIRCUIT
SKEW
DRIVER
TIMING
GENERATOR
DUTY
CONTROL
φ1
φ2
Pin Configuration (Top View)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
VCL
AUTO
SIG IN2
SIG IN1
MUTE IN
T7
T6
CLK IN
T5
T4
T3
T2
T1
VSS
T8
EXT VD
JOG IN
VSS
SIG OUT
VDD
SIG DELAY
REC/PB
CCD OUT
FEED OUT
FEED IN
SKEW IN
T9
T10


Similar Part No. - CXL1008P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1009P SONY-CXL1009P Datasheet
216Kb / 9P
   CMOS-CCD SIGNAL PROCESSOR FOR TBC
More results

Similar Description - CXL1008P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL1009P SONY-CXL1009P Datasheet
216Kb / 9P
   CMOS-CCD SIGNAL PROCESSOR FOR TBC
CXL1501M SONY-CXL1501M Datasheet
181Kb / 12P
   CMOS-CCD Signal Processor
CXL1503M SONY-CXL1503M Datasheet
179Kb / 9P
   CMOS-CCD Signal Processor
CXL1502M SONY-CXL1502M Datasheet
197Kb / 14P
   CMOS-CCD Signal Processor
CXL1517M SONY-CXL1517M Datasheet
97Kb / 7P
   CMOS-CCD Signal Processor
CXL1517N SONY-CXL1517N Datasheet
101Kb / 7P
   CMOS-CCD Signal Processor
logo
Analog Devices
AD9945 AD-AD9945_13 Datasheet
639Kb / 14P
   CCD Signal Processor
ADDI7100 AD-ADDI7100_17 Datasheet
436Kb / 20P
   CCD Signal Processor
logo
Burr-Brown (TI)
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
   CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Analog Devices
AD9801 AD-AD9801 Datasheet
292Kb / 12P
   CCD Signal Processor For Electronic Cameras
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com