Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA06H8285M-101 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RA06H8285M-101
Description  RoHS Compliance, 820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA06H8285M-101 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  RA06H8285M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA06H8285M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA06H8285M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA06H8285M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA06H8285M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA06H8285M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA06H8285M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA06H8285M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA06H8285M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
< Silicon RF Power Modules >
RA06H8285M
RoHS Compliance, 820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
Publication Date : Oct.2011
7
RECOMMENDATIONS and APPLICATION INFORMATION:
Construction:
This module consists of an alumina substrate soldered onto a copper flange. For mechanical protection, a plastic cap is
attached with silicone. The MOSFET transistor chips are die bonded onto metal, wire bonded to the substrate, and coated
with resin. Lines on the substrate (eventually inductors), chip capacitors, and resistors form the bias and matching circuits.
Wire leads soldered onto the alumina substrate provide the DC and RF connection.
Following conditions must be avoided:
a) Bending forces on the alumina substrate (for example, by driving screws or from fast thermal changes)
b) Mechanical stress on the wire leads (for example, by first soldering then driving screws or by thermal expansion)
c) Defluxing solvents reacting with the resin coating on the MOSFET chips (for example, Trichloroethylene)
d) ESD, surge, overvoltage in combination with load VSWR, and oscillation
ESD:
This MOSFET module is sensitive to ESD voltages down to 1000V. Appropriate ESD precautions are required.
Mounting:
Heat sink flatness must be less than 50 µm (a heat sink that is not flat or particles between module and heat sink may
cause the ceramic substrate in the module to crack by bending forces, either immediately when driving screws or later
when thermal expansion forces are added).
A thermal compound between module and heat sink is recommended for low thermal contact resistance and to reduce
the bending stress on the ceramic substrate caused by the temperature difference to the heat sink.
The module must first be screwed to the heat sink, then the leads can be soldered to the printed circuit board.
M3 screws are recommended with a tightening torque of 4.0 to 6.0 kgf-cm.
Soldering and Defluxing:
This module is designed for manual soldering.
The leads must be soldered after the module is screwed onto the heat sink.
The temperature of the lead (terminal) soldering should be lower than 350°C and shorter than 3 second.
Ethyl Alcohol is recommend for removing flux. Trichloroethylene solvents must not be used (they may cause bubbles in
the coating of the transistor chips which can lift off the bond wires).
Thermal Design of the Heat Sink:
At Pout=6W, VDD=12.5V and Pin=1mW each stage transistor operating conditions are:
Stage
Pin
(W)
Pout
(W)
Rth(ch-case)
(°C/W)
IDD @ T=35%
(A)
VDD
(V)
1
st
0.001
0.04
29.0
0.02
2
nd
0.04
1.2
4.5
0.28
3
rd
1.2
6.0
3.7
1.05
12.5
The channel temperatures of each stage transistor Tch = Tcase + (VDD x IDD - Pout + Pin) x Rth(ch-case) are:
Tch1 = Tcase + (12.5V x 0.02A - 0.04W + 0.001W) x 29.0°C/W = Tcase + 6.1°C
Tch2 = Tcase + (12.5V x 0.28A - 1.2W + 0.04W) x 4.5°C/W
= Tcase + 10.5 °C
Tch3 = Tcase + (12.5V x 1.05A - 6.0W + 1.2W) x 3.7°C/W
= Tcase + 30.8 °C
For long-term reliability, it is best to keep the module case temperature (Tcase) below 90°C. For an ambient
temperature Tair=60°C and Pout=30W, the required thermal resistance Rth (case-air) = ( Tcase - Tair) / ( (Pout / T ) - Pout +
Pin ) of the heat sink, including the contact resistance, is:
Rth(case-air) = (90°C - 60°C) / (6W/35% – 6W + 0.001W) = 2.69 °C/W
When mounting the module with the thermal resistance of 2.69 °C/W, the channel temperature of each stage transistor is:
Tch1 = Tair + 36.1 °C
Tch2 = Tair + 40.5 °C
Tch3 = Tair + 60.8 °C
The 175°C maximum rating for the channel temperature ensures application under derateed conditions.
Output Power Control:
Depending on linearity, the following two methods are recommended to control the output power:
a) Non-linear FM modulation:
By the gate voltage (VGG).
When the gate voltage is close to zero, the RF input signal is attenuated up to 60 dB and only a small leakage current
flows from the battery into the drain.
Around VGG=4V, the output power and drain current increases substantially.
Around VGG=4.5V (typical) to VGG=5V (maximum), the nominal output power becomes available.
b) Linear AM modulation:
By RF input power Pin. The gate voltage is used to set the drain’s quiescent current for the required linearity.


Similar Part No. - RA06H8285M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA06H8285M-101 MITSUBISHI-RA06H8285M-101 Datasheet
94Kb / 9P
   820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA06H8285M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA06H8285M MITSUBISHI-RA06H8285M_10 Datasheet
94Kb / 9P
   820-851MHz 6W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67766B MITSUBISHI-M67766B Datasheet
205Kb / 5P
   820-851MHz, 12.5V, 6W, FM MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_06 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_11 Datasheet
194Kb / 9P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_11 Datasheet
262Kb / 9P
   RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_11 Datasheet
245Kb / 9P
   RoHS Compliance , 135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_11 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_11 Datasheet
205Kb / 8P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_11 Datasheet
184Kb / 9P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com