Electronic Components Datasheet Search |
|
MI-QC2LY-MWY Datasheet(PDF) 3 Page - Vicor Corporation |
|
MI-QC2LY-MWY Datasheet(HTML) 3 Page - Vicor Corporation |
3 / 4 page Long Term Safe Operating Area Curves* Disable Circuit Thermal Considerations 20 mA Max. Disable DIS+ DIS– + V TIME (SECONDS) 1s 0 10 100ms -1 10 10ms -2 10 1ms -3 10 100 µs -4 10 10 µs -5 10 1 µs -6 10 -600 -500 -400 -300 -200 -100 0 100 200 300 400 500 600 Ratings Exceeded Reverse Polarity Protection 50V OVP TIME (SECONDS) 1s 0 10 100ms -1 10 10ms -2 10 1ms -3 10 100 µs -4 10 10 µs -5 10 1 µs -6 10 600 400 200 0 200 400 600 800 Ratings Exceeded Reverse Polarity Protection 500V OVP 400V 28Vdc Input 270Vdc Input * 1% duty cycle max., for short duration transient capability refer to specifications • Thermal impedance, chassis-to-air, is provided for 1-up, 2-up and 3-up MI-ComPAC package configurations as a function of air flow. • Case temperature = (total power dissipated x thermal impedance) + ambient temperature. • Watts dissipated per output = (output power ÷ efficiency) – output power. (1) To order optional heat sink add –H1 to part number Thermal Impedance — Case-to-Air (°C/W) Standard Units With Optional Heat Sink (1) 1-up 2-up 3-up 1-up 2-up 3-up Free Air (Horiz.) 3.6 1.7 1.4 2.1 1.3 1.0 Forced Convection Through Heat Sink Fins 50 LFM 2.7 1.4 1.3 1.5 1.1 0.9 100 LFM 2.3 1.3 1.1 1.2 0.9 0.7 250 LFM 1.6 1.0 0.8 0.7 0.5 0.4 500 LFM 1.2 0.7 0.6 0.4 0.3 0.3 750 LFM 0.9 0.5 0.5 0.3 0.2 0.2 1000 LFM 0.8 0.4 0.4 0.2 0.2 0.2 Disable Current • 4mA DC minimum for 1-up ComPAC • 8mA DC minimum for 2-up ComPAC • 12mA DC minimum for 3-up ComPAC The MI-ComPAC incorporates an optically isolated master disable input which will shut down the MI-ComPAC when a current is driven through the disable terminals. MI-ComPAC 11/02 3 of 4 |
Similar Part No. - MI-QC2LY-MWY |
|
Similar Description - MI-QC2LY-MWY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |