Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTL1009 Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # XTL1009
Description  Surface Mount Seam-Weld Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XTL1009 Datasheet(HTML) 3 Page - RF Monolithics, Inc

  XTL1009 Datasheet HTML 1Page - RF Monolithics, Inc XTL1009 Datasheet HTML 2Page - RF Monolithics, Inc XTL1009 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 3
©2009-2010 by RF Monolithics, Inc.
XTL1009 - 2/3/10
Reel Dimensions
Tape Dimensions
Notes:
1. Unless otherwise specified, tolerance on dimensions is ±0.1 mm
2. Material is black conductive polystyrene
3. 10 pitch cumulative tolerance is ±0.2 mm


Similar Part No. - XTL1009

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
XTL1001 RFM-XTL1001 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1002 RFM-XTL1002 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003 RFM-XTL1003 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003-1 RFM-XTL1003-1 Datasheet
505Kb / 6P
   Surface Mount Seam-Weld Package
XTL1004 RFM-XTL1004 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
More results

Similar Description - XTL1009

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
XTL1028N RFM-XTL1028N Datasheet
466Kb / 4P
   Surface Mount Seam-Weld Package
XTL1002 RFM-XTL1002 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1003-1 RFM-XTL1003-1 Datasheet
505Kb / 6P
   Surface Mount Seam-Weld Package
XTL1017 RFM-XTL1017 Datasheet
476Kb / 3P
   Seam Weld Surface Mount Package
XTL1027 RFM-XTL1027 Datasheet
466Kb / 4P
   Surface Mount Seam-Weld Package
XTL1026 RFM-XTL1026 Datasheet
466Kb / 4P
   Surface Mount Seam-Weld Package
XTL1004 RFM-XTL1004 Datasheet
458Kb / 3P
   Surface Mount Seam-Weld Package
XTL1008 RFM-XTL1008 Datasheet
474Kb / 3P
   Surface Mount Seam-Weld Package
XTL1018 RFM-XTL1018 Datasheet
476Kb / 3P
   Surface Mount Seam Weld Package
XTL1023 RFM-XTL1023 Datasheet
476Kb / 3P
   Surface Mount Seam Weld Package
XTL1024 RFM-XTL1024 Datasheet
398Kb / 2P
   Surface Mount Seam Weld Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com