Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA07M4452M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA07M4452M
Description  RoHS Compliance , 440-520MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA07M4452M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA07M4452M_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA07M4452M_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA07M4452M_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA07M4452M_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA07M4452M_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA07M4452M_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA07M4452M_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA07M4452M_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA07M4452M_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA07M4452M
RA07M4452M
30 Jun 2010
3/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY,
2nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
1
2
3
4
5
6
7
8
9
10
430
450
470
490
510
530
FREQUENCY f(MHz)
0
10
20
30
40
50
60
70
80
90
100
V
DD=7.2V
P
in=50m W
P
out @V GG=3.5V
η
T @Pout=6.5W
ρ
in @Pout=6.5W
0
10
20
30
40
50
-10-5
0
5
10
1520
INPUT POWER Pin(dBm)
0
2
4
6
8
10
f=440MHz,
V
DD=7.2V ,
V
GG=3.5V
P
out
IDD
Gp
0
10
20
30
40
50
-10-5
0
5
1015
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
f=480MHz,
V
DD=7.2V ,
V
GG=3.5V
P
out
Gp
IDD
-70
-60
-50
-40
-30
-20
430
450
470
490
510
530
FREQUENCY f(MHz)
V
DD=7.2V
P
in=50m W
2nd @P
out=6.5W
3
rd @P
out=6.5W
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
2
4
6
8
10
12
14
16
4
5
6
789
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
P
out
f=440MHz,
V
GG=3.5V ,
P
in=50m W
IDD
0
10
20
30
40
50
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
2
4
6
8
10
f=520MHz,
V
DD=7.2V ,
V
GG=3.5V
P
out
Gp
IDD
0
2
4
6
8
10
12
14
16
4
567
89
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
P
out
IDD
f=480MHz,
V
GG=3.5V ,
P
in=50m W


Similar Part No. - RA07M4452M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M4452M-101 MITSUBISHI-RA07M4452M-101 Datasheet
227Kb / 8P
   RoHS Compliance , 440-520MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
More results

Similar Description - RA07M4452M_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA07M4452M MITSUBISHI-RA07M4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance , 440-520MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452M MITSUBISHI-RA07M4452M Datasheet
62Kb / 9P
   440-520MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452MSA MITSUBISHI-RA07M4452MSA_10 Datasheet
149Kb / 9P
   RoHS Compliance , 440-520MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_06 Datasheet
227Kb / 8P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H4452M MITSUBISHI-RA07H4452M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,440-520MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07M0608M MITSUBISHI-RA07M0608M Datasheet
240Kb / 8P
   RoHS Compliance ,66-88MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_10 Datasheet
117Kb / 9P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M_06 Datasheet
236Kb / 8P
   RoHS Compliance , 400-470MHz 7W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07M4452MSA MITSUBISHI-RA07M4452MSA Datasheet
136Kb / 8P
   440-520MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA07N4452M MITSUBISHI-RA07N4452M_06 Datasheet
229Kb / 8P
   RoHS Compliance , 440-520MHz 7.5W 9.6V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com