Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA13H3340M Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RA13H3340M
Description  RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H3340M Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  RA13H3340M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H3340M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
<Silicon RF Power Modules >
RA13H3340M
RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
Publication Date : Jul.2011
7
RECOMMENDATIONS and APPLICATION INFORMATION:
Construction:
This module consists of an alumina substrate soldered onto a copper flange. For mechanical protection, a plastic cap is
attached with silicone. The MOSFET transistor chips are die bonded onto metal, wire bonded to the substrate, and coated
with resin. Lines on the substrate (eventually inductors), chip capacitors, and resistors form the bias and matching circuits.
Wire leads soldered onto the alumina substrate provide the DC and RF connection.
Following conditions must be avoided:
a) Bending forces on the alumina substrate (for example, by driving screws or from fast thermal changes)
b) Mechanical stress on the wire leads (for example, by first soldering then driving screws or by thermal expansion)
c) Defluxing solvents reacting with the resin coating on the MOSFET chips (for example, Trichloroethylene)
d) ESD, surge, overvoltage in combination with load VSWR, and oscillation
ESD:
This MOSFET module is sensitive to ESD voltages down to 1000V. Appropriate ESD precautions are required.
Mounting:
Heat sink flatness must be less than 50 µm (a heat sink that is not flat or particles between module and heat sink may
cause the ceramic substrate in the module to crack by bending forces, either immediately when driving screws or later
when thermal expansion forces are added).
A thermal compound between module and heat sink is recommended for low thermal contact resistance and to reduce
the bending stress on the ceramic substrate caused by the temperature difference to the heat sink.
The module must first be screwed to the heat sink, then the leads can be soldered to the printed circuit board.
M3 screws are recommended with a tightening torque of 4.0 to 6.0 kgf-cm.
Soldering and Defluxing:
This module is designed for manual soldering.
The leads must be soldered after the module is screwed onto the heat sink.
The temperature of the lead (terminal) soldering should be lower than 350°C and shorter than 3 second.
Ethyl Alcohol is recommend for removing flux. Trichloroethylene solvents must not be used (they may cause bubbles in
the coating of the transistor chips which can lift off the bond wires).
Thermal Design of the Heat Sink:
At Pout=13W, VDD=12.5V and Pin=50mW each stage transistor operating conditions are:
Stage
Pin
(W)
Pout
(W)
Rth(ch-case)
(°C/W)
IDD @ T=40%
(A)
VDD
(V)
1
st
0.05
1.5
20.0
0.18
2
nd
1.5
13.0
2.4
2.39
12.5
The channel temperatures of each stage transistor Tch = Tcase + (VDD x IDD - Pout + Pin) x Rth(ch-case) are:
Tch1 = Tcase + (12.5V x 0.18A – 1.5W + 0.05W) x 20.0°C/W = Tcase + 16.0 °C
Tch2 = Tcase + (12.5V x 2.39A - 13.0W + 1.5W) x 2.4°C/W
= Tcase + 44.1 °C
For long-term reliability, it is best to keep the module case temperature (Tcase) below 90°C. For an ambient
temperature Tair=60°C and Pout=13W, the required thermal resistance Rth (case-air) = ( Tcase - Tair) / ( (Pout / T ) - Pout +
Pin ) of the heat sink, including the contact resistance, is:
Rth(case-air) = (90°C - 60°C) / (13W/40% – 13W + 0.05W) = 1.53 °C/W
When mounting the module with the thermal resistance of 1.53 °C/W, the channel temperature of each stage transistor is:
Tch1 = Tair + 46.0 °C
Tch2 = Tair + 74.1 °C
The 175°C maximum rating for the channel temperature ensures application under derated conditions.


Similar Part No. - RA13H3340M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H3340M MITSUBISHI-RA13H3340M Datasheet
68Kb / 9P
   330-400MHz 13W 12.5V MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M Datasheet
94Kb / 9P
   330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M-01 MITSUBISHI-RA13H3340M-01 Datasheet
68Kb / 9P
   330-400MHz 13W 12.5V MOBILE RADIO
RA13H3340M-101 MITSUBISHI-RA13H3340M-101 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H3340M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H3340M MITSUBISHI-RA13H3340M_06 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_10 Datasheet
94Kb / 9P
   330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_06 Datasheet
157Kb / 7P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M_11 Datasheet
254Kb / 9P
   RoHS Compliance , 330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_11 Datasheet
205Kb / 8P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_06 Datasheet
243Kb / 8P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
RA13H3340M MITSUBISHI-RA13H3340M Datasheet
68Kb / 9P
   330-400MHz 13W 12.5V MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_11 Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com