Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA18H1213G Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # RA18H1213G
Description  RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA18H1213G Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

  RA18H1213G_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA18H1213G_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA18H1213G_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA18H1213G_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA18H1213G_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA18H1213G_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA18H1213G_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA18H1213G_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA18H1213G_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
<Silicon RF Power Modules >
RA18H1213G
RoHS Compliance ,
1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
Publication Date : Jul.2011
9
© 2011 MITSUBISHI ELECTRIC CORPORATION. ALL RIGHTS RESERVED.
Keep safety first in your circuit designs!
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more
reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors
may lead to personal injury, fire or property damage. Remember to give due consideration to safety when
making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary
circuits, (ii) use of non-flammable material or (iii) prevention against any malfunction or mishap.
Notes regarding these materials
•These materials are intended as a reference to assist our customers in the selection of the Mitsubishi
semiconductor product best suited to the customer’s application; they do not convey any license under any
intellectual property rights, or any other rights, belonging to Mitsubishi Electric Corporation or a third party.
•Mitsubishi Electric Corporation assumes no responsibility for any damage, or infringement of any
third-party’s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or
circuit application examples contained in these materials.
•All information contained in these materials, including product data, diagrams, charts, programs and
algorithms represents information on products at the time of publication of these materials, and are subject
to change by Mitsubishi Electric Corporation without notice due to product improvements or other reasons. It
is therefore recommended that customers contact Mitsubishi Electric Corporation or an authorized
Mitsubishi Semiconductor product distributor for the latest product information before purchasing a product
listed herein.
The information described here may contain technical inaccuracies or typographical errors. Mitsubishi
Electric Corporation assumes no responsibility for any damage, liability, or other loss rising from these
inaccuracies or errors.
Please also pay attention to information published by Mitsubishi Electric Corporation by various means,
including the Mitsubishi Semiconductor home page (http://www.MitsubishiElectric.com/).
•When using any or all of the information contained in these materials, including product data, diagrams,
charts, programs, and algorithms, please be sure to evaluate all information as a total system before making
a final decision on the applicability of the information and products. Mitsubishi Electric Corporation assumes
no responsibility for any damage, liability or other loss resulting from the information contained herein.
•Mitsubishi Electric Corporation semiconductors are not designed or manufactured for use in a device or
system that is used under circumstances in which human life is potentially at stake. Please contact
Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor when
considering the use of a product contained herein for any specific purposes, such as apparatus or systems
for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use.
•The prior written approval of Mitsubishi Electric Corporation is necessary to reprint or reproduce in whole or
in part these materials.
•If these products or technologies are subject to the Japanese export control restrictions, they must be
exported under a license from the Japanese government and cannot be imported into a country other than
the approved destination.
Any diversion or re-export contrary to the export control laws and regulations of Japan and/or the country of
destination is prohibited.
•Please contact Mitsubishi Electric Corporation or an authorized Mitsubishi Semiconductor product distributor
for further details on these materials or the products contained therein.


Similar Part No. - RA18H1213G_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA18H1213G-101 MITSUBISHI-RA18H1213G-101 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G-101 MITSUBISHI-RA18H1213G-101 Datasheet
99Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_10 Datasheet
99Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA18H1213G_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA18H1213G MITSUBISHI-RA18H1213G_06 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_10 Datasheet
99Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G Datasheet
96Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_11 Datasheet
262Kb / 9P
   RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_11 Datasheet
245Kb / 9P
   RoHS Compliance , 135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_11 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_11 Datasheet
205Kb / 8P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_11 Datasheet
184Kb / 9P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_11 Datasheet
178Kb / 9P
   RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com