Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA18H1213G-101 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA18H1213G-101
Description  RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA18H1213G-101 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA18H1213G-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA18H1213G-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
<Silicon RF Power Modules >
RA18H1213G
RoHS Compliance ,
1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
Publication Date : Jul.2011
4
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
3rd,5th.INTERMODULATION DISTORTION
versus GATE VOLTAGE
versus OUTPUT POWER
3rd,5th.INTERMODULATION DISTORTION
3rd,5th.INTERMODULATION DISTORTION
versus OUTPUT POWER
versus OUTPUT POWER
0
10
20
30
40
50
60
3
3.5
4
4.5
5
5.5
6
GATE VOLTAGE VGG (V)
0
2
4
6
8
10
12
P
out
f=1240MHz
V
DD=12.5V
P
in=200m W
I DD
0
10
20
30
40
50
60
3
3.5
4
4.5
5
5.5
6
GATE VOLTAGE VGG (V)
0
2
4
6
8
10
12
P
out
f=1270MHz
V
DD=12.5V
P
in=200m W
I DD
0
10
20
30
40
50
60
3
3.5
4
4.5
5
5.5
6
GATE VOLTAGE VGG (V)
0
2
4
6
8
10
12
P
out
f=1300MHz
V
DD=12.5V
P
in=200m W
IDD
-60
-50
-40
-30
-20
26
28
30
32
34
36
38
40
42
44
OUTPUT POWER Pout (dBm P.E.P.)
f=1240MHz
V
DD=12.5V
V
GG=5V
IMD3
IMD5
-60
-50
-40
-30
-20
26
28
30
32
34
36
38
40
42
44
OUTPUT POWER Pout (dBm P.E.P.)
f=1270MHz
V
DD=12.5V
V
GG=5V
IMD3
IMD5
-60
-50
-40
-30
-20
26
28
30
32
34
36
38
40
42
44
OUTPUT POWER Pout (dBm P.E.P.)
f=1300MHz
V
DD=12.5V
V
GG=5V
IMD3
IMD5


Similar Part No. - RA18H1213G-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA18H1213G-101 MITSUBISHI-RA18H1213G-101 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G-101 MITSUBISHI-RA18H1213G-101 Datasheet
99Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA18H1213G-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA18H1213G MITSUBISHI-RA18H1213G_06 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_10 Datasheet
99Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G Datasheet
96Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_11 Datasheet
262Kb / 9P
   RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_11 Datasheet
245Kb / 9P
   RoHS Compliance , 135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_11 Datasheet
191Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_11 Datasheet
205Kb / 8P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_11 Datasheet
184Kb / 9P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_11 Datasheet
178Kb / 9P
   RoHS Compliance, 400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com