Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA20H8087M Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # RA20H8087M
Description  RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA20H8087M Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  RA20H8087M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA20H8087M Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
<Silicon RF Power Modules >
RA20H8087M
RoHS Compliance,
806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
Publication Date : Jul.2011
5
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
0
10
20
30
40
50
60
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=825MHz,
VDD=12.5V,
Pin=50mW
I
DD
0
10
20
30
40
50
60
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=851MHz,
VDD=12.5V,
Pin=50mW
I
DD
0
10
20
30
40
50
60
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
Pout
f=870MHz,
VDD=12.5V,
Pin=50mW
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50, unless otherwise specified)


Similar Part No. - RA20H8087M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
77Kb / 10P
   806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
110Kb / 10P
   806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M-01 MITSUBISHI-RA20H8087M-01 Datasheet
77Kb / 10P
   806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M-101 MITSUBISHI-RA20H8087M-101 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA20H8087M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA20H8087M MITSUBISHI-RA20H8087M_06 Datasheet
198Kb / 10P
   RoHS Compliance, 806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M_10 Datasheet
110Kb / 10P
   806-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA20H8087M MITSUBISHI-RA20H8087M Datasheet
77Kb / 10P
   806-825/ 851-870MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
M67760LC MITSUBISHI-M67760LC Datasheet
53Kb / 4P
   806-870MHz, 12.5V, 20W, FM MOBILE RADIO
RA20H8994M MITSUBISHI-RA20H8994M_11 Datasheet
190Kb / 9P
   RoHS Compliance , 896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA03M8087M MITSUBISHI-RA03M8087M_06 Datasheet
212Kb / 8P
   RoHS Compliance , 806-870MHz 3.6W 7.2V, 2 Stage Amp. For PORTABLE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_06 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_11 Datasheet
194Kb / 9P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_11 Datasheet
262Kb / 9P
   RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA60H1317M MITSUBISHI-RA60H1317M_11 Datasheet
245Kb / 9P
   RoHS Compliance , 135-175MHz 60W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com