Electronic Components Datasheet Search |
|
RA20H8994M Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor |
|
RA20H8994M Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor |
2 / 9 page <Silicon RF Power Modules > RA20H8994M RoHS Compliance , 896-941MHz 20W 12.5V, 3 Stage Amp. For MOBILE RADIO Publication Date : Jul.2011 2 MAXIMUM RATINGS (Tcase=+25°C, unless otherwise specified) SYMBOL PARAMETER CONDITIONS RATING UNIT VDD Drain Voltage VGG<5V 17 V VGG Gate Voltage VDD<12.5V, Pin=0mW 6 V Pin Input Power 100 mW Pout Output Power 40 W Tcase(OP) Operation Case Temperature Range f=896-941MHz, ZG=ZL=50 -30 to +110 °C Tstg Storage Temperature Range -40 to +110 °C The above parameters are independently guaranteed. ELECTRICAL CHARACTERISTICS (Tcase=+25°C, ZG=ZL=50, unless otherwise specified) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT f Frequency Range 896 - 941 MHz Pout Output Power VDD=12.5V, VGG=5V, Pin=50mW 20 - - W T Total Efficiency 25 - - % 2fo 2 nd Harmonic - - -30 dBc in Input VSWR - - 3:1 — IGG Gate Current Pout=20W(VGG control) VDD=12.5V Pin=50mW - 1 - mA — Stability VDD=10.0-15.2V, Pin=25-70mW, Pout<20W (VGG control), Load VSWR=3:1 No parasitic oscillation — — Load VSWR Tolerance VDD=15.2V, Pin=50mW, Pout=20W (VGG control), Load VSWR=20:1 No degradation or destroy — All parameters, conditions, ratings, and limits are subject to change without notice. |
Similar Part No. - RA20H8994M |
|
Similar Description - RA20H8994M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |