Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA30H3340M Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RA30H3340M
Description  RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H3340M Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RA30H3340M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H3340M Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Publication Date : Jul.2011
1
<Silicon RF Power Modules >
RA30H3340M
RoHS Compliance ,
330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
DESCRIPTION
The RA30H3340M is a 30-watt RF MOSFET Amplifier Module for
12.5-volt mobile radios that operate in the 330- to 400-MHz range.
The battery can be connected directly to the drain of the
enhancement-mode MOSFET transistors. Without the gate voltage
(VGG=0V), only a small leakage current flows into the drain and the RF
input signal attenuates up to 60 dB. The output power and drain current
increase as the gate voltage increases.
With a gate voltage around
4.0V (minimum), output power and drain current increases substantially.
The nominal output power becomes available at 4.5V (typical) and 5V
(maximum). At VGG=5V, the typical gate current is 1 mA.
This module is designed for non-linear FM modulation, but may also be
used for linear modulation by setting the drain quiescent current with
the gate voltage and controlling the output power with the input power.
FEATURES
• Enhancement-Mode MOSFET Transistors
(IDD0
@ VDD=12.5V, VGG=0V)
• Pout>30W, T>40%
@ VDD=12.5V, VGG=5V, Pin=50mW
• Broadband Frequency Range: 330-400MHz
• Low-Power Control Current IGG=1mA (typ) at VGG=5V
• 66 x 21 x 9.8 mm
• Linear operation is possible by setting the quiescent drain current with
the gate voltage and controlling the output power with the input power
RoHS COMPLIANCE
• RA30H3340M-101
is a RoHS compliant products.
• RoHS compliance is indicate by the letter “G” after the Lot Marking.
• This product include the lead in the Glass of electronic parts and the lead in
electronic Ceramic parts.
However, it is applicable to the following exceptions of RoHS Directions.
1.Lead in the Glass of a cathode-ray tube, electronic parts, and fluorescent
tubes.
2.Lead in electronic Ceramic parts.
ORDERING INFORMATION:
ORDER NUMBER
SUPPLY FORM
RA30H3340M-101
Antistatic tray,
10 modules/tray
1
RF Input (Pin)
2
Gate Voltage (VGG), Power Control
3
Drain Voltage (VDD), Battery
4
RF Output (Pout)
5
RF Ground (Case)
BLOCK DIAGRAM
2
4
1
5
3
PACKAGE CODE: H2S


Similar Part No. - RA30H3340M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
108Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
157Kb / 7P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M Datasheet
134Kb / 8P
   330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M-01 MITSUBISHI-RA30H3340M-01 Datasheet
108Kb / 9P
   MITSUBISHI RF MOSFET MODULE
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
157Kb / 7P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA30H3340M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H3340M MITSUBISHI-RA30H3340M_06 Datasheet
157Kb / 7P
   RoHS Compliance , 330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M_11 Datasheet
254Kb / 9P
   RoHS Compliance , 330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_10 Datasheet
134Kb / 8P
   330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_06 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M_10 Datasheet
98Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_11 Datasheet
184Kb / 9P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_06 Datasheet
258Kb / 8P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M Datasheet
88Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M_10 Datasheet
148Kb / 9P
   RoHS Compliance ,330-400MHz 7W 12.5V, 2 Stage Amp. For PORTABLE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com