Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA30H4047M Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA30H4047M
Description  RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H4047M Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA30H4047M_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H4047M_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H4047M_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H4047M_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H4047M_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H4047M_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H4047M_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H4047M_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H4047M_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
<Silicon RF Power Modules >
RA30H4047M
RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
Publication Date : Jul.2011
3
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
60
70
80
390 400 410 420 430 440 450 460 470 480
FREQUENCY f(MHz)
0
10
20
30
40
50
60
70
80
VDD=12.5V
VGG=5V
Pin=50mW
Pout
T
in
0
10
20
30
40
50
60
-15 -10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=400MHz,
VDD=12.5V,
VGG=5V
Pout
IDD
Gp
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=430MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
-70
-60
-50
-40
-30
-20
390 400 410 420 430 440 450 460 470 480
FREQUENCY f(MHz)
VDD=12.5V
VGG=5V
Pin=50mW
2
nd
3
rd
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
20
Pout
f=400MHz,
VGG=5V,
Pin=50mW
IDD
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=450MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
0
10
20
30
40
50
60
70
80
90
100
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
20
Pout
f=430MHz,
VGG=5V,
Pin=50mW
IDD
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=470MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50, unless otherwise specified)


Similar Part No. - RA30H4047M_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4047M-101 MITSUBISHI-RA30H4047M-101 Datasheet
258Kb / 8P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M-101 MITSUBISHI-RA30H4047M-101 Datasheet
103Kb / 9P
   400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_10 Datasheet
103Kb / 9P
   400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA30H4047M_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4047M MITSUBISHI-RA30H4047M_06 Datasheet
258Kb / 8P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_06 Datasheet
247Kb / 8P
   RoHS Compliance, 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_10 Datasheet
103Kb / 9P
   400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_06 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_08 Datasheet
157Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_10 Datasheet
191Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com