Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA33H1516M1 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA33H1516M1
Description  RoHS Compliance, 154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA33H1516M1 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA33H1516M1_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
< Silicon RF Power Modules >
RA33H1516M1
RoHS Compliance, 154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
Publication Date : Oct.2011
3
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY,
2
nd, 3
rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
150
155
160
165
170
FREQUENCY f(MHz)
0
20
40
60
80
100
VDD=12.5V
VGG=5V
Pin=10mW
Pout
T
in
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=154MHz,
VDD=12.5V,
VGG=5V
Pout
IDD
Gp
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=158MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
-80
-70
-60
-50
-40
-30
-20
150
155
160
165
170
FREQUENCY f(MHz)
VDD=12.5V
VGG=5V
Pin=10mW
2
nd
3
rd
0
10
20
30
40
50
60
-15
-10
-5
0
5
10
15
INPUT POWER Pin(dBm)
0
2
4
6
8
10
12
f=162MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD


Similar Part No. - RA33H1516M1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA33H1516M1-201 MITSUBISHI-RA33H1516M1-201 Datasheet
98Kb / 9P
   154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA33H1516M1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA33H1516M1 MITSUBISHI-RA33H1516M1 Datasheet
98Kb / 9P
   154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_11 Datasheet
164Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_06 Datasheet
160Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_10 Datasheet
84Kb / 8P
   154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M Datasheet
75Kb / 8P
   154-162MHz 40W 12.5V MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M Datasheet
238Kb / 8P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_11 Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_11 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com