Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA33H1516M1 Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # RA33H1516M1
Description  RoHS Compliance, 154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA33H1516M1 Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

  RA33H1516M1_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA33H1516M1_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
< Silicon RF Power Modules >
RA33H1516M1
RoHS Compliance, 154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
Publication Date : Oct.2011
8
ATTENTION:
1.High Temperature ;
This product might have a heat generation while operation,Please take notice that have a
possibility to receive a burn to touch the operating product directly or touch the product until cold after switch off.
At the near the product,do not place the combustible material that have possibilities to arise the fire.
2.Generation of High Frequency Power ;
This product generate a high frequency power. Please take notice that
do not leakage the unnecessary electric wave and use this products without cause damage for human and
property per normal operation.
3.Before use;
Before use the product,Please design the equipment in consideration of the risk for human and
electric wave obstacle for equipment.
PRECAUTIONS FOR THE USE OF MITSUBISHI SILICON RF POWER DEVICES:
1. The specifications of mention are not guarantee values in this data sheet. Please confirm additional details
regarding operation of these products from the formal specification sheet.
For copies of the formal specification
sheets, please contact one of our sales offices.
2.RA series products (RF power amplifier modules) and RD series products (RF power transistors) are designed
for consumer mobile communication terminals and were not specifically designed for use in other applications.
In particular, while these products are highly reliable for their designed purpose, they are not manufactured under
a quality assurance testing protocol that is sufficient to guarantee the level of reliability typically deemed
necessary for critical communications elements and In the application, which is base station applications and
fixed station applications that operate with long term continuous transmission and a higher on-off frequency
during transmitting, please consider the derating, the redundancy system, appropriate setting of the maintain
period and others as needed. For the reliability report which is described about predicted operating life time of
Mitsubishi Silicon RF Products , please contact Mitsubishi Electric Corporation or an authorized Mitsubishi
Semiconductor product distributor.
3. RD series products use MOSFET semiconductor technology. They are sensitive to ESD voltage therefore
appropriate ESD precautions are required.
4. In the case of use in below than recommended frequency, there is possibility to occur that the device is
deteriorated or destroyed due to the RF-swing exceed the breakdown voltage.
5. In order to maximize reliability of the equipment, it is better to keep the devices temperature low.
It is
recommended to utilize a sufficient sized heat-sink in conjunction with other cooling methods as needed (fan,
etc.)
to
keep
the
channel
temperature
for
RD series
products
lower
than 120deg/C(in case of
Tchmax=150deg/C) ,140deg/C(in case of Tchmax=175deg/C) under standard conditions.
6. Do not use the device at the exceeded the maximum rating condition. In case of plastic molded devices, the
exceeded maximum rating condition may cause blowout, smoldering or catch fire of the molding resin due to
extreme short current flow between the drain and the source of the device. These results causes in fire or injury.
7. For specific precautions regarding assembly of these products into the equipment, please refer to the
supplementary items in the specification sheet.
8. Warranty for the product is void if the products protective cap (lid) is removed or if the product is modified in any
way from it’s original form.
9. For additional “Safety first” in your circuit design and notes regarding the materials, please refer the last page of
this data sheet.
10. Please refer to the additional precautions in the formal specification sheet.


Similar Part No. - RA33H1516M1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA33H1516M1-201 MITSUBISHI-RA33H1516M1-201 Datasheet
98Kb / 9P
   154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA33H1516M1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA33H1516M1 MITSUBISHI-RA33H1516M1 Datasheet
98Kb / 9P
   154-162MHz 33W 12.5V 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_11 Datasheet
164Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_06 Datasheet
160Kb / 8P
   RoHS Compliance , 154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M_10 Datasheet
84Kb / 8P
   154-162MHz 40W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA35H1516M MITSUBISHI-RA35H1516M Datasheet
75Kb / 8P
   154-162MHz 40W 12.5V MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M Datasheet
238Kb / 8P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_11 Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_11 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com