Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA30H4552M1 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA30H4552M1
Description  RoHS Compliance, 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H4552M1 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA30H4552M1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H4552M1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H4552M1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H4552M1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H4552M1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H4552M1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H4552M1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H4552M1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H4552M1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
< Silicon RF Power Modules >
RA30H4552M1
RoHS Compliance, 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
Publication Date : Oct.2011
4
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
0
10
20
30
40
50
60
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD (V)
0
2
4
6
8
10
12
Pout
f=450MHz
VGG=5V
Pin=50mW
IDD
0
10
20
30
40
50
60
2
3
4
5
6
GATE VOLTAGE VGG (V)
0
2
4
6
8
10
12
Pout
f=450MHz
VDD=12.5V
Pin=50mW
IDD
0
10
20
30
40
50
60
2
3
4
5
6
GATE VOLTAGE VGG (V)
0
2
4
6
8
10
12
Pout
f=470MHz
VDD=12.5V
Pin=50mW
IDD
0
10
20
30
40
50
60
2
3
4
5
6
GATE VOLTAGE VGG (V)
0
2
4
6
8
10
12
Pout
f=490MHz
VDD=12.5V
Pin=50mW
IDD
0
10
20
30
40
50
60
2
3
4
5
6
GATE VOLTAGE VGG (V)
0
2
4
6
8
10
12
Pout
f=520MHz
VDD=12.5V
Pin=50mW
IDD
0
10
20
30
40
50
60
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD (V)
0
2
4
6
8
10
12
Pout
f=470MHz
VGG=5V
Pin=50mW
IDD
0
10
20
30
40
50
60
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD (V)
0
2
4
6
8
10
12
Pout
f=490MHz
VGG=5V
Pin=50mW
IDD
0
10
20
30
40
50
60
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD (V)
0
2
4
6
8
10
12
Pout
f=520MHz
VGG=5V
Pin=50mW
IDD


Similar Part No. - RA30H4552M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4552M1 MITSUBISHI-RA30H4552M1 Datasheet
152Kb / 9P
   RF MOSFET MODULE 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1 Datasheet
158Kb / 9P
   RF MOSFET MODULE 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1 Datasheet
193Kb / 10P
   450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4552M1-101 MITSUBISHI-RA30H4552M1-101 Datasheet
152Kb / 9P
   RF MOSFET MODULE 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4552M1-101 MITSUBISHI-RA30H4552M1-101 Datasheet
158Kb / 9P
   RF MOSFET MODULE 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA30H4552M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4552M1 MITSUBISHI-RA30H4552M1_10 Datasheet
193Kb / 10P
   450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_06 Datasheet
157Kb / 7P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA30H4452M MITSUBISHI-RA30H4452M_11 Datasheet
185Kb / 8P
   RoHS Compliance , 440-520MHz 30W 12.5V MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_06 Datasheet
214Kb / 8P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M_11 Datasheet
174Kb / 9P
   RoHS Compliance , 440-520MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA60H4452M1 MITSUBISHI-RA60H4452M1 Datasheet
169Kb / 9P
   RoHS Compliance, 440-520MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_08 Datasheet
158Kb / 9P
   RF MOSFET MODULE 450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M Datasheet
238Kb / 8P
   RoHS Compliance , 175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_11 Datasheet
173Kb / 9P
   RoHS Compliance , 135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M_06 Datasheet
229Kb / 8P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com