Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1102-200 Datasheet(PDF) 4 Page - Touchstone Semiconductor Inc

Part # TS1102-200
Description  A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1102-200 Datasheet(HTML) 4 Page - Touchstone Semiconductor Inc

  TS1102-200 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1102-200 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TS1102
Page 4
TS1102DS r1p0
RTFDS
Supply Current vs Common-Mode Voltage
Input Offset Voltage vs Temperature
Supply Current vs Temperature
INPUT OFFSET VOLTAGE - µV
TEMPERATURE -
°C
TEMPERATURE -
°C
SUPPLY VOLTAGE - Volt
0
10
25
35
10
30
0
40
2V
25V
3.6V
TYPICAL PERFORMANCE CHARACTERISTICS
VRS+ = VRS- = 3.6V; TA = +25
°C, unless otherwise noted.
-40
-15
10
35
85
60
15
20
0.2
0.6
0
0.4
1
0.8
0
40
-40
20
80
60
0.2
0.6
0.8
0
0.4
1
Input Offset Voltage Histogram
5
20
30
50
0
10
15
20
30
25
5
GAIN ERROR - %
25
20
15
0
10
-0.2
0.2
-0.4
0.4
0
Gain Error Histogram
5
30
Input Offset Voltage vs Common-Mode Voltage
SUPPLY VOLTAGE - Volt
10
15
20
30
25
5
40
35
30
25
20
0
110
-40
-15
10
35
85
60
110
-20


Similar Part No. - TS1102-200

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1102-200-EG6 SILABS-TS1102-200-EG6 Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1102-200-EG6T SILABS-TS1102-200-EG6T Datasheet
63Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
TS1102-200EG5 SILABS-TS1102-200EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1102-200

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
[Old version datasheet]   MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com