Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1102-100EG5T Datasheet(PDF) 5 Page - Touchstone Semiconductor Inc

Part # TS1102-100EG5T
Description  A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1102-100EG5T Datasheet(HTML) 5 Page - Touchstone Semiconductor Inc

  TS1102-100EG5T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1102-100EG5T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1102-100EG5T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1102-100EG5T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1102-100EG5T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1102-100EG5T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1102-100EG5T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1102-100EG5T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1102-100EG5T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TS1102
TS1102DS r1p0
Page 5
RTFDS
Small-Signal Gain vs Frequency
0.001
0.1
1
10
1000
5
-5
-15
-35
-25
FREQUENCY - kHz
0
-10
-20
-30
100
TYPICAL PERFORMANCE CHARACTERISTICS
VRS+ = VRS- = 3.6V; TA = +25
°C, unless otherwise noted.
0.01
Gain Error vs. Temperature
TEMPERATURE -
°C
0
0.1
0.4
0.5
-0.1
0.2
0.3
Gain Error vs Common-Mode Voltage
SUPPLY VOLTAGE - Volt
0.2
0.3
0.1
0
10
15
20
30
25
5
0
VSENSE- mV
VOUT vs VSENSE @ Supply = 3.6V
0
150
100
50
0
0.5
2.5
3
3.5
4
1.5
2
1
0
100
60
20
VSENSE- mV
VOUT vs VSENSE @ Supply = 2V
40
80
0.4
1.6
0.8
1.2
0
1.4
1.0
0.6
0.2
Common-Mode Rejection vs Frequency
0
-40
-80
-20
-60
-100
-140
-120
FREQUENCY - kHz
0.001
0.1
1
10
1000
100
0.01
G = 25
G = 50
G = 100
1.8
2
G = 25
G = 50
G = 100
G = 25
G = 50
G = 100
G = 25
G = 50, 100
-40
-15
10
35
85
60
110


Similar Part No. - TS1102-100EG5T

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS1102-100EG5 SILABS-TS1102-100EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Similar Description - TS1102-100EG5T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
[Old version datasheet]   MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com