Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA55H4047M-101 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RA55H4047M-101
Description  RoHS Compliance , 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA55H4047M-101 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RA55H4047M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA55H4047M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA55H4047M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA55H4047M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA55H4047M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA55H4047M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA55H4047M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA55H4047M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA55H4047M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
<Silicon RF Power Modules >
RA55H4047M
RoHS Compliance , 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
Publication Date : Oct.2011
4
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus GATE VOLTAGE
versus GATE VOLTAGE
0
10
20
30
40
50
60
70
80
90
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
14
16
18
P
out
f=400MHz,
V
DD=12.5V,
P
in=50m W
IDD
0
10
20
30
40
50
60
70
80
90
100
110
120
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
20
22
24
P
out
f=450MHz,
V
GG=5V,
P
in=50m W
IDD
0
10
20
30
40
50
60
70
80
90
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
14
16
18
P
out
f=430MHz,
V
DD=12.5V,
P
in=50m W
IDD
0
10
20
30
40
50
60
70
80
90
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
14
16
18
P
out
f=450MHz,
V
DD=12.5V,
P
in=50m W
IDD
0
10
20
30
40
50
60
70
80
90
100
110
120
2
4
6
8
10121416
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
20
22
24
P
out
f=470MHz,
V
GG=5V,
P
in=50m W
IDD
0
10
20
30
40
50
60
70
80
90
2.5
3
3.5
4
4.5
5
5.5
GATE VOLTAGE VGG(V)
0
2
4
6
8
10
12
14
16
18
P
out
f=470MHz,
V
DD=12.5V,
P
in=50m W
IDD


Similar Part No. - RA55H4047M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA55H4047M-101 MITSUBISHI-RA55H4047M-101 Datasheet
95Kb / 8P
   RF MOSFET MODULE 400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4047M-101 MITSUBISHI-RA55H4047M-101 Datasheet
102Kb / 9P
   400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4047M-101 MITSUBISHI-RA55H4047M-101 Datasheet
257Kb / 9P
   Broadband Frequency Range
More results

Similar Description - RA55H4047M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA55H3847M MITSUBISHI-RA55H3847M_11 Datasheet
262Kb / 9P
   RoHS Compliance , 380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4047M MITSUBISHI-RA55H4047M_10 Datasheet
102Kb / 9P
   400-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_06 Datasheet
258Kb / 8P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H4047M MITSUBISHI-RA30H4047M_11 Datasheet
184Kb / 9P
   RoHS Compliance , 400-470MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_06 Datasheet
247Kb / 8P
   RoHS Compliance, 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4047M MITSUBISHI-RA45H4047M_11 Datasheet
257Kb / 9P
   RoHS Compliance , 400-470MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_11 Datasheet
175Kb / 9P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_11 Datasheet
246Kb / 9P
   RoHS Compliance, 400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H4047M MITSUBISHI-RA13H4047M_06 Datasheet
228Kb / 8P
   RoHS Compliance , 400-470MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com