Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD01MUS1 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RD01MUS1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD01MUS1 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RD01MUS1_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD01MUS1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD01MUS1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD01MUS1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD01MUS1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD01MUS1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD01MUS1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD01MUS1
RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
Publication Date : Oct.2011
3
TYPICAL CHARACTERISTICS
Vdd-Po CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4
6
8
10
12
14
Vdd(V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Po
Idd
Ta=25°C
f=520MHz
Pin=30mW
Idq=100mA
Zg=ZI=50 ohm
Pin-Po CHARACTERISTICS
0
5
10
15
20
25
30
35
-10
0
10
20
Pin(dBm)
30
40
50
60
70
80
90
100
Ta=+25°C
f=520MHz
Vdd=7.2V
Idq=100mA
Po
ηd
Gp
Pin-Po CHARACTERISTICS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
Pin(mW)
0
20
40
60
80
100
Po
ηd
Idd
Ta=25°C
f=520MHz
Vdd=7.2V
Idq=100mA


Similar Part No. - RD01MUS1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD01MUS1 MITSUBISHI-RD01MUS1_10 Datasheet
203Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
logo
Quanzhou Jinmei Electro...
RD01MUS1 JMNIC-RD01MUS1_15 Datasheet
239Kb / 6P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD01MUS1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD01MUS2 MITSUBISHI-RD01MUS2_11 Datasheet
419Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1_10 Datasheet
203Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1 Datasheet
235Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD09MUP2 MITSUBISHI-RD09MUP2_11 Datasheet
343Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD09MUP2 MITSUBISHI-RD09MUP2_10 Datasheet
148Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD30HUF1 MITSUBISHI-RD30HUF1_11 Datasheet
573Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,520MHz,30W
RD60HUF1 MITSUBISHI-RD60HUF1_06 Datasheet
383Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,60W
RD70HVF1 MITSUBISHI-RD70HVF1 Datasheet
414Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz70W 520MHz,50W
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com