Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VB525SP-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VB525SP-E
Description  High voltage ignition coil driver power integrated circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB525SP-E Datasheet(HTML) 1 Page - STMicroelectronics

  VB525SP-E Datasheet HTML 1Page - STMicroelectronics VB525SP-E Datasheet HTML 2Page - STMicroelectronics VB525SP-E Datasheet HTML 3Page - STMicroelectronics VB525SP-E Datasheet HTML 4Page - STMicroelectronics VB525SP-E Datasheet HTML 5Page - STMicroelectronics VB525SP-E Datasheet HTML 6Page - STMicroelectronics VB525SP-E Datasheet HTML 7Page - STMicroelectronics VB525SP-E Datasheet HTML 8Page - STMicroelectronics VB525SP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
September 2010
Doc ID 18022 Rev 1
1/19
1
VB525SP-E
High voltage ignition coil driver power integrated circuit
Features
ECOPACK®: lead free and RoHS compliant
Primary coil voltage internally set
Coil current limit internally set
Logic level compatible input
Driving current quasi proportional to collector
current
Single flag on coil current
Low voltage clamp thermal shutdown
Description
The VB525SP-E is a high voltage power
integrated circuit made using the
STMicroelectronics™ VIPower™ M1-3
technology, with Darlington and logic level
compatible vertical current flow power driving
circuit.
The enable pin allows to externally block the
switch when the input is on. A built-in protection
circuit for coil current limiting and collector voltage
clamping allows the device to be used as a smart,
high voltage, high current interface in advanced
electronic ignition systems. If the input signal from
the microcontroller happens to remain high, the
device protects itself against overheating by
forcing collector current to smoothly decrease
(low voltage clamp feature) to avoid undesired
spark.
Type
Vcl
Icl
ICC
VB525SP-E
380 V
10 A
150 mA
1
10
PowerSO-10
Table 1.
Device summary
Package
Order codes
Tube
Tape and real
PowerSO-10
VB525SP-E
VB525SPTR-E
www.st.com


Similar Part No. - VB525SP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB525SP-E STMICROELECTRONICS-VB525SP-E Datasheet
278Kb / 19P
   High voltage ignition coil driver power integrated circuit
VB525SP-E STMICROELECTRONICS-VB525SP-E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - VB525SP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VB526SP-E STMICROELECTRONICS-VB526SP-E Datasheet
298Kb / 19P
   High voltage ignition coil driver power integrated circuit
VB027SP-E STMICROELECTRONICS-VB027SP-E Datasheet
178Kb / 14P
   High voltage ignition coil driver power integrated circuit
VB525SP STMICROELECTRONICS-VB525SP Datasheet
278Kb / 19P
   High voltage ignition coil driver power integrated circuit
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
November 2003
VB026SP STMICROELECTRONICS-VB026SP Datasheet
67Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
VB125SP STMICROELECTRONICS-VB125SP Datasheet
78Kb / 8P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
VB922 STMICROELECTRONICS-VB922 Datasheet
67Kb / 5P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
VB026BSP STMICROELECTRONICS-VB026BSP Datasheet
67Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com