Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD01MUS2 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RD01MUS2
Description  RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD01MUS2 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RD01MUS2 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD01MUS2 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD01MUS2 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD01MUS2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD01MUS2 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD01MUS2 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD01MUS2 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD01MUS2
RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
Publication Date : Oct.2011
4
TEST CIRCUIT(f=520MHz)
13mm
18mm
17.5mm
62pF
4.7kOHM
C1
C2
W
6.5mm
W
RD01MUS2
24pF
30mm
Vdd
Vgg
RF-in
RF-OUT
240pF
5.5mm
3mm
L4
3pF
25.5mm
10pF
4mm
Note:Boad material Glass epoxi substrate
Micro strip line width=1.0mm、50 OHM、er:4.8、t=0.6mm
L1:Enameled wire 5 Turns、D:0.43mm、2.46mmO.D
C1、C2:1000pF、0.022μF in parallel
11mm
10μF、50V
68 OHM
4mm
62pF
4mm
68pF
W
5mm
INPUT/OUTPUT IMPEDANCE VS. FREQUENCY CHARACTERISTICS
520MHz Zin* Zout*
Zo=50
Vdd=7.2V, Idq=100mA(Vgg adj.),Pin=0.03W
Zin* =3.11+j11.56
Zout*=11.64+j4.74
Zin*: Complex conjugate of input impedance
Zout*: Complex conjugate of output impedance
520MHz Zin*
520MHz Zout*


Similar Part No. - RD01MUS2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD01MUS2 MITSUBISHI-RD01MUS2 Datasheet
251Kb / 6P
   Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS2 MITSUBISHI-RD01MUS2 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS2B MITSUBISHI-RD01MUS2B Datasheet
2Mb / 15P
   RoHS Compliance, Silicon MOSFET Power Transistor 527MHz,1W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
logo
Quanzhou Jinmei Electro...
RD01MUS2 JMNIC-RD01MUS2_15 Datasheet
254Kb / 6P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD01MUS2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD01MUS1 MITSUBISHI-RD01MUS1_10 Datasheet
203Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1 Datasheet
235Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD01MUS1 MITSUBISHI-RD01MUS1_11 Datasheet
394Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD09MUP2 MITSUBISHI-RD09MUP2_11 Datasheet
343Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD09MUP2 MITSUBISHI-RD09MUP2_10 Datasheet
148Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 520MHz, 8W
RD30HUF1 MITSUBISHI-RD30HUF1_11 Datasheet
573Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,520MHz,30W
RD60HUF1 MITSUBISHI-RD60HUF1_06 Datasheet
383Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,60W
RD70HVF1 MITSUBISHI-RD70HVF1 Datasheet
414Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz70W 520MHz,50W
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com