Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL5510 Datasheet(PDF) 3 Page - STMicroelectronics

Part # VL5510
Description  High dynamic range CMOS sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL5510 Datasheet(HTML) 3 Page - STMicroelectronics

  VL5510 Datasheet HTML 1Page - STMicroelectronics VL5510 Datasheet HTML 2Page - STMicroelectronics VL5510 Datasheet HTML 3Page - STMicroelectronics VL5510 Datasheet HTML 4Page - STMicroelectronics VL5510 Datasheet HTML 5Page - STMicroelectronics VL5510 Datasheet HTML 6Page - STMicroelectronics VL5510 Datasheet HTML 7Page - STMicroelectronics VL5510 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VL5510
Overview
3/8
1
Overview
1.1
Technical specifications
Table 2.
Technical specifications
Pixel resolution
1024 x 512
Sensor technology
0.13 µm 4 layers metal
Pixel size
5.6 µm x 5.6 µm
Characteristic line
10 knee points
Analog gain
+24 dB (max)
Dynamic range (in scene)
120 dB
Dynamic range (overall)
140 dB
Signal to noise
TBD dB (@ 100 lux)
Minimum illumination
< TBD lux
Supply voltage
3.3 V (±10 %) supply
2.5 V (±10 %) LVDS I/O supply
Power consumption
< 150 mW @ 34 fps
< 15 µW (standby mode)
Temperature range
-40 °C to + 125 °C
Device functional @ 85 °C max
Shutter
Electrical rolling
Pixel fill factor
> 40 %
Remaining fixed pattern noise (FPN)
< 0.1 %
Temporal noise
< 0.1 %
Image lag
< 0.1 %
Defect pixels
To be specified
Package
Bare die/OLGA


Similar Part No. - VL5510

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL53L0CXV0DH STMICROELECTRONICS-VL53L0CXV0DH Datasheet
923Kb / 40P
   World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L0CXV0DH/1 STMICROELECTRONICS-VL53L0CXV0DH/1 Datasheet
923Kb / 40P
   World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L0X STMICROELECTRONICS-VL53L0X Datasheet
923Kb / 40P
   World smallest Time-of-Flight ranging and gesture detection sensor
May 2016 Rev 1
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 35P
   A new generation, long distance ranging Time-of-Flight sensor based on ST?셲 FlightSense??technology
November 2018 Rev 3
VL53L1 STMICROELECTRONICS-VL53L1 Datasheet
1Mb / 39P
   New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
June 2022 Rev 12
More results

Similar Description - VL5510

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
   high dynamic range
logo
STMicroelectronics
VG6640 STMICROELECTRONICS-VG6640 Datasheet
1Mb / 126P
   Automotive 1.3 megapixel high-dynamic range image sensor
June 2018 Rev 11
logo
MultiDimension Technolo...
TMR2103 MULTIDIMENSION-TMR2103 Datasheet
560Kb / 5P
   Large Dynamic Range TMR linear sensor
V1.0a
TMR2102 MULTIDIMENSION-TMR2102 Datasheet
570Kb / 5P
   Large Dynamic Range TMR linear sensor
V1.0a
logo
American Electronic Com...
TMR2101 AEC-TMR2101 Datasheet
376Kb / 4P
   Large Dynamic Range TMR linear sensor
TMR2102 AEC-TMR2102 Datasheet
543Kb / 5P
   Large Dynamic Range TMR linear sensor
logo
Melexis Microelectronic...
MLX75411 MELEXIS-MLX75411 Datasheet
859Kb / 2P
   154dB High Dynamic Range (HDR) Automotive CMOS Image Sensors
logo
WJ Communication. Inc.
FH101 WJCI-FH101 Datasheet
177Kb / 4P
   High Dynamic Range FET
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
   High Dynamic Range LNA
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
   High Dynamic Range Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com