Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXL5002P Datasheet(PDF) 2 Page - Sony Corporation

Part # CXL5002P
Description  CMOS-CCD 1/2H Delay Line for NTSC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5002P Datasheet(HTML) 2 Page - Sony Corporation

  CXL5002P Datasheet HTML 1Page - Sony Corporation CXL5002P Datasheet HTML 2Page - Sony Corporation CXL5002P Datasheet HTML 3Page - Sony Corporation CXL5002P Datasheet HTML 4Page - Sony Corporation CXL5002P Datasheet HTML 5Page - Sony Corporation CXL5002P Datasheet HTML 6Page - Sony Corporation CXL5002P Datasheet HTML 7Page - Sony Corporation CXL5002P Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
– 2 –
CXL5002M/P
Blook Diagram
2
4
5
340-BIT SHIFT REGISTER
DUTY CONTROL
CIRCUIT
1
φ1
φ2
AUTO BIAS CIRCUIT
CLAMP CIRCUIT
CLOCK DRIVERS
AMP
S/H
AMP
AMP
6
7
8
3
ref.
(1 BIT)
φ2
φ1
Pin Description
Pin No. Symbol
Description
Impedance [
Ω]
1
2
3
4
VSS
VCL
CLK
VDD
GND
5V power supply
Clock input
9V power supply
> 100k
Pin No. Symbol
Description
Impedance [
Ω]
5
6
7
8
OUT
FEED
AUTO
IN
Signal output
Feedback DC output
Autobias DC output
Signal input
600 to 1k
> 100k
10k
> 100k


Similar Part No. - CXL5002P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001P SONY-CXL5001P Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5003 SONY-CXL5003 Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
CXL5003M SONY-CXL5003M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
CXL5003P SONY-CXL5003P Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
More results

Similar Description - CXL5002P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
CXL1506M SONY-CXL1506M Datasheet
170Kb / 12P
   CMOS-CCD 1H/2H Delay Line for PAL
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com