Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD02MUS1 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # RD02MUS1
Description  RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD02MUS1 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  RD02MUS1_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD02MUS1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD02MUS1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD02MUS1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD02MUS1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD02MUS1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD02MUS1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD02MUS1_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD02MUS1_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD02MUS1
RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
Publication Date : Oct.2011
4
TYPICAL CHARACTERISTICS
Pin-Po CHARACTERISTICS
@f=175MHz
0
5
10
15
20
25
30
35
40
-10
-5
0
5
10
15
20
Pin(dBm)
20
30
40
50
60
70
80
90
100
Ta=+25°C
f=175MHz
Vdd=7.2V
Idq=200mA
Po
ηd
Gp
Pin-Po CHARACTERISTICS
@f=175MHz
0.0
1.0
2.0
3.0
4.0
0
20
40
60
80
100
Pin(mW)
20
40
60
80
100
Po
ηd
Idd
Ta=25°C
f=175MHz
Vdd=7.2V
Idq=200mA
Pin-Po CHARACTERISTICS
@f=520MHz
0
5
10
15
20
25
30
35
40
-10
-5
0
5
10
15
20
Pin(dBm)
20
30
40
50
60
70
80
90
100
Ta=+25°C
f=520MHz
Vdd=7.2V
Idq=200mA
Po
ηd
Gp
Pin-Po CHARACTERISTICS
@f=520MHz
0.0
1.0
2.0
3.0
4.0
0
20
40
60
80
100
Pin(mW)
20
40
60
80
100
Po
ηd
Idd
Ta=25°C
f=520MHz
Vdd=7.2V
Idq=200mA
Vdd-Po CHARACTERISTICS
@f=175MHz
0
1
2
3
4
5
6
7
2
4
6
8
10
12
Vdd(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Po
Idd
Ta=25°C
f=175MHz
Pin=50mW
Idq=200mA
Zg=ZI=50 ohm
Vdd-Po CHARACTERISTICS
@f=520MHz
0
1
2
3
4
5
6
7
2
4
6
8
10
12
Vdd(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Po
Idd
Ta=25°C
f=520MHz
Pin=50mW
Idq=200mA
Zg=ZI=50 ohm


Similar Part No. - RD02MUS1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD02MUS1 MITSUBISHI-RD02MUS1_10 Datasheet
230Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
logo
Quanzhou Jinmei Electro...
RD02MUS1 JMNIC-RD02MUS1_15 Datasheet
282Kb / 9P
   Silicon MOSFET Power Transistor
More results

Similar Description - RD02MUS1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD02MUS2 MITSUBISHI-RD02MUS2 Datasheet
287Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B_11 Datasheet
457Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1 MITSUBISHI-RD02MUS1_10 Datasheet
230Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS1B MITSUBISHI-RD02MUS1B_10 Datasheet
219Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD02MUS2 MITSUBISHI-RD02MUS2_11 Datasheet
458Kb / 9P
   RoHS Compliance,Silicon MOSFET Power Transistor 175MHz,520MHz,2W
RD07MVS2 MITSUBISHI-RD07MVS2_11 Datasheet
474Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS2 MITSUBISHI-RD07MVS2_10 Datasheet
219Kb / 10P
   RoHS Compliance,Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_11 Datasheet
446Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1 MITSUBISHI-RD07MVS1_11 Datasheet
453Kb / 10P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
RD07MVS1B MITSUBISHI-RD07MVS1B_10 Datasheet
213Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,520MHz,7W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com