Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD04HMS2 Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # RD04HMS2
Description  RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 950MHz, 4W
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD04HMS2 Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button RD04HMS2 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD04HMS2 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD04HMS2 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD04HMS2 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor RD04HMS2 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor RD04HMS2 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor RD04HMS2 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor RD04HMS2 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor RD04HMS2 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD04HMS2
RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 950MHz, 4W
Publication Date : Oct.2011
10
890-950MHz-band TYPICAL CHARACTERISTICS
(These are only typical curves and devices are not necessarily guaranteed at these curves.)
0
2
4
6
8
10
12
14
16
880
890
900
910
920
930
940
950
960
f (MHz)
0
10
20
30
40
50
60
70
80
Pout
ηD
Gp
Idd
Frequency Characteristics @f=890 to 950MHz
Ta=+25deg.C, Vds=12.5V,Idq=0.1A, Pin=0.2W


Similar Part No. - RD04HMS2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD04HMS2 MITSUBISHI-RD04HMS2 Datasheet
1Mb / 20P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 950MHz, 4W
More results

Similar Description - RD04HMS2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD04HMS2 MITSUBISHI-RD04HMS2 Datasheet
1Mb / 20P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 950MHz, 4W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVS1 MITSUBISHI-RD12MVS1_11 Datasheet
591Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
470Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_11 Datasheet
335Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com