Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD05MMP1 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RD05MMP1
Description  RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD05MMP1 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  RD05MMP1_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD05MMP1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD05MMP1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD05MMP1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD05MMP1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD05MMP1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD05MMP1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD05MMP1_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD05MMP1_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD05MMP1
RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
Publication Date : Oct.2011
7
RD05MMP1 S-PARAMETER DATA (@Vdd=7.2V, Id=900mA)
Freq.
[MHz]
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
100
0.878
-174.2
7.474
85.7
0.014
4.3
0.869
-176.3
125
0.884
-175.6
6.046
81.9
0.014
2.9
0.865
-176.9
150
0.880
-176.9
4.919
78.9
0.014
3.3
0.865
-177.5
175
0.877
-177.4
4.153
77.5
0.013
4.7
0.872
-177.9
200
0.879
-177.7
3.636
76.1
0.013
8.8
0.873
-178.3
225
0.888
-178.2
3.246
73.8
0.013
4.2
0.875
-178.5
250
0.888
-178.7
2.912
71.1
0.013
7.9
0.874
-178.6
275
0.884
-179.1
2.598
69.0
0.012
9.1
0.869
-178.8
300
0.884
-179.2
2.351
67.4
0.012
11.5
0.872
-178.9
325
0.891
-179.6
2.152
66.0
0.012
13.3
0.882
-179.2
350
0.893
-179.7
1.995
64.1
0.012
18.1
0.884
-179.4
375
0.897
179.8
1.849
62.2
0.011
16.1
0.886
-179.5
400
0.897
179.7
1.708
60.0
0.012
20.8
0.883
-179.3
425
0.896
179.6
1.580
58.5
0.012
25.7
0.883
-179.6
450
0.902
179.3
1.475
57.1
0.012
26.7
0.886
-179.7
475
0.903
178.9
1.388
55.6
0.012
30.8
0.892
180.0
500
0.906
178.7
1.308
53.7
0.012
33.2
0.893
179.9
525
0.905
178.5
1.222
52.1
0.012
35.6
0.894
179.8
550
0.906
178.4
1.152
50.6
0.012
38.7
0.896
179.7
575
0.910
178.2
1.086
49.4
0.012
42.5
0.898
179.6
600
0.914
177.9
1.030
48.2
0.012
45.7
0.902
179.2
625
0.915
177.5
0.978
46.6
0.013
46.2
0.906
179.1
650
0.916
177.3
0.928
45.1
0.013
52.5
0.906
179.0
675
0.917
177.3
0.877
43.8
0.014
53.1
0.906
179.1
700
0.919
177.2
0.832
43.0
0.015
55.3
0.905
178.8
725
0.921
176.9
0.798
41.7
0.015
56.8
0.908
178.5
750
0.925
176.6
0.759
40.5
0.015
59.3
0.911
178.1
775
0.924
176.5
0.725
39.2
0.016
59.2
0.916
177.9
800
0.926
176.3
0.694
38.3
0.016
62.2
0.916
178.0
825
0.927
176.1
0.661
37.2
0.017
63.6
0.921
178.1
850
0.929
175.8
0.634
36.5
0.018
64.2
0.918
177.9
875
0.929
175.6
0.611
35.5
0.019
65.1
0.917
177.4
900
0.931
175.5
0.585
34.3
0.019
66.8
0.921
177.0
925
0.930
175.2
0.562
33.4
0.020
66.6
0.923
176.8
950
0.928
175.2
0.539
32.6
0.021
65.2
0.928
176.9
975
0.932
174.8
0.518
31.9
0.022
67.9
0.930
177.3
1000
0.937
174.8
0.496
31.1
0.022
68.8
0.926
177.0
S11
S21
S12
S22


Similar Part No. - RD05MMP1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD05MMP1 MITSUBISHI-RD05MMP1_10 Datasheet
147Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
More results

Similar Description - RD05MMP1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD05MMP1 MITSUBISHI-RD05MMP1 Datasheet
128Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD05MMP1 MITSUBISHI-RD05MMP1_10 Datasheet
147Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD01MUS2 MITSUBISHI-RD01MUS2_11 Datasheet
419Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com