Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD06HHF1 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # RD06HHF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD06HHF1 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  RD06HHF1_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD06HHF1_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD06HHF1_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD06HHF1_11 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD06HHF1_11 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD06HHF1_11 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD06HHF1_11 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD06HHF1_11 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD06HHF1_11 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD06HHF1
RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
Publication Date : Oct.2011
2
ABSOLUTE MAXIMUM RATINGS
(Tc=25°C UNLESS OTHERWISE NOTED)
SYMBOL
PARAMETER
CONDITIONS
RATINGS
UNIT
VDSS
Drain to source voltage
Vgs=0V
50
V
VGSS
Gate to source voltage
Vds=0V
+/- 20
V
Pch
Channel dissipation
Tc=25°C
27.8
W
Pin
Input power
Zg=Zl=50
0.3
W
ID
Drain current
-
3
A
Tch
Channel temperature
-
150
°C
Tstg
Storage temperature
-
-40 to +150
°C
Rth j-c
Thermal resistance
junction to case
4.5
°C/W
Note 1: Above parameters are guaranteed independently.
ELECTRICAL CHARACTERISTICS
(Tc=25°C, UNLESS OTHERWISE NOTED)
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX.
IDSS
Drain cutoff current
VDS=17V, VGS=0V
-
-
10
uA
IGSS
Gate cutoff current
VGS=10V, VDS=0V
-
-
1
uA
VTH
Gate threshold Voltage
VDS=12V, IDS=1mA
1.9
-
4.9
V
Pout
Output power
6
10
-
W
D
Drain efficiency
VDD=12.5V, Pin=0.15W,
f=30MHz, Idq=0.5A
55
65
-
%
Load VSWR tolerance
VDD=15.2V,Po=6W(Pin Control)
f=30MHz,Idq=0.5A,Zg=50
Load VSWR=20:1(All Phase)
No destroy
-
Note : Above parameters , ratings , limits and conditions are subject to change.


Similar Part No. - RD06HHF1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HHF1 MITSUBISHI-RD06HHF1_10 Datasheet
265Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
More results

Similar Description - RD06HHF1_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD06HHF1 MITSUBISHI-RD06HHF1_10 Datasheet
265Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD00HHS1 MITSUBISHI-RD00HHS1 Datasheet
157Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1 MITSUBISHI-RD00HHS1_10 Datasheet
126Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD100HHF1 MITSUBISHI-RD100HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,100W
RD06HVF1 MITSUBISHI-RD06HVF1_11 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD06HHF1 MITSUBISHI-RD06HHF1 Datasheet
204Kb / 7P
   Silicon MOSFET Power Transistor 30MHz,6W
RD06HHF1 MITSUBISHI-RD06HHF1_08 Datasheet
314Kb / 8P
   RF POWER MOS FET Silicon MOSFET Power Transistor 30MHz,6W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com