Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXL5005P Datasheet(PDF) 8 Page - Sony Corporation

Part # CXL5005P
Description  CMOS-CCD 1H Delay Line for NTSC with PLL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXL5005P Datasheet(HTML) 8 Page - Sony Corporation

  CXL5005P Datasheet HTML 1Page - Sony Corporation CXL5005P Datasheet HTML 2Page - Sony Corporation CXL5005P Datasheet HTML 3Page - Sony Corporation CXL5005P Datasheet HTML 4Page - Sony Corporation CXL5005P Datasheet HTML 5Page - Sony Corporation CXL5005P Datasheet HTML 6Page - Sony Corporation CXL5005P Datasheet HTML 7Page - Sony Corporation CXL5005P Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
– 8 –
CXL5005M/P
Package Outline
Unit: mm
14PIN DIP (PLASTIC)
19.2 – 0.1
+ 0.4
1
2.54
7
8
14
0° to 15°
0.5 ± 0.1
1.2 ± 0.15
SONY CODE
EIAJ CODE
JEDEC CODE
DIP-14P-01
DIP014-P-0300
Similar to MO-001-AH
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
42/COPPER ALLOY
0.9g
CXL5005M
14PIN SOP (PLASTIC)
9.9 – 0.1
+ 0.4
0.45 ± 0.1
1.27
0.2 – 0.05
+ 0.1
0.1 – 0.05
+ 0.2
1.85 – 0.15
+ 0.4
M
0.24
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE STRUCTURE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER PLATING
42/COPPER ALLOY
SOP-14P-L01
SOP014-P-0300
0.2g
1
7
14
8
0.15
CXL5005P


Similar Part No. - CXL5005P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001P SONY-CXL5001P Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5002M SONY-CXL5002M Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5002P SONY-CXL5002P Datasheet
97Kb / 8P
   CMOS-CCD 1/2H Delay Line for NTSC
CXL5003 SONY-CXL5003 Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for PAL
More results

Similar Description - CXL5005P

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
CXL5502M SONY-CXL5502M Datasheet
187Kb / 13P
   CMOS-CCD 1H Delay Line for NTSC
CXL5512M SONY-CXL5512M Datasheet
158Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5513M SONY-CXL5513M Datasheet
153Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5507M SONY-CXL5507M Datasheet
104Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL1504M SONY-CXL1504M Datasheet
113Kb / 9P
   CMOS-CCD 1H Delay Line for NTSC
CXL5001M SONY-CXL5001M Datasheet
98Kb / 8P
   CMOS-CCD 1H Delay Line for NTSC
CXL5509M SONY-CXL5509M Datasheet
156Kb / 12P
   CMOS-CCD 1H/2H Delay Line for NTSC
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL5514M SONY-CXL5514M Datasheet
143Kb / 9P
   CMOS-CCD 1H Delay Line for PAL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com