Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD30HVF1 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RD30HVF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD30HVF1 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RD30HVF1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD30HVF1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Publication Date : Oct.2011
1
< Silicon RF Power MOS FET (Discrete) >
RD30HVF1
RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
DESCRIPTION
RD30HVF1 is a MOS FET type transistor specifically
designed for VHF RF power amplifiers applications.
FEATURES
High power gain:
Pout>30W, Gp>14.7dB @Vdd=12.5V,f=175MHz
High Efficiency: 60%typ.
APPLICATION
For output stage of high power amplifiers in VHF band
Mobile radio sets.
RoHS COMPLIANT
RD30HVF1-101 is a RoHS compliant products.
RoHS compliance is indicate by the letter “G” after
the Lot Marking.
ABSOLUTE MAXIMUM RATINGS
(Tc=25°C UNLESS OTHERWISE NOTED)
SYMBOL
PARAMETER
CONDITIONS
RATINGS
UNIT
VDSS
Drain to source voltage
Vgs=0V
30
V
VGSS
Gate to source voltage
Vds=0V
+/-20
V
Pch
Channel dissipation
Tc=25°C
75
W
Pin
Input power
Zg=Zl=50
2.5
W
ID
Drain current
-
7
A
Tch
Channel temperature
-
175
°C
Tstg
Storage temperature
-
-40 to +175
°C
Rth j-c
Thermal resistance
junction to case
2.0
°C/W
Note 1: Above parameters are guaranteed independently.
OUTLINE DRAWING
R1.6
4-C1
2
2.8+/-0.3
3
18.0+/-0.3
22.0+/-0.3
7.6+/-0.3
1
7.2+/-0.5
PIN
1.Drain
2.Source
3.Gate
UNIT:mm


Similar Part No. - RD30HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD30HVF1 MITSUBISHI-RD30HVF1 Datasheet
401Kb / 8P
   Silicon MOSFET Power Transistor,175MHz,30W
RD30HVF1 MITSUBISHI-RD30HVF1 Datasheet
339Kb / 8P
   Silicon MOSFET Power Transistor,175MHz,30W
RD30HVF1-101 MITSUBISHI-RD30HVF1-101 Datasheet
401Kb / 8P
   Silicon MOSFET Power Transistor,175MHz,30W
RD30HVF1 MITSUBISHI-RD30HVF1_10 Datasheet
339Kb / 8P
   Silicon MOSFET Power Transistor,175MHz,30W
More results

Similar Description - RD30HVF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD06HVF1 MITSUBISHI-RD06HVF1_10 Datasheet
348Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVS1 MITSUBISHI-RD12MVS1_11 Datasheet
591Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD12MVS1 MITSUBISHI-RD12MVS1 Datasheet
470Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD00HVS1 MITSUBISHI-RD00HVS1_11 Datasheet
335Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD06HVF1 MITSUBISHI-RD06HVF1_11 Datasheet
543Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,6W
RD12MVP1 MITSUBISHI-RD12MVP1_10 Datasheet
142Kb / 8P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com