Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD100HHF1 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RD100HHF1
Description  RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,100W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD100HHF1 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  RD100HHF1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RD100HHF1 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
< Silicon RF Power MOS FET (Discrete) >
RD100HHF1
RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,100W
Publication Date : Oct.2011
7
RD100HHF1 S-PARAMETER DATA (@Vdd=12.5V, Id=800mA)
Freq.
[MHz]
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
(mag)
(ang)
10
0.835
-158.6
31.451
94.8
0.014
5.2
0.770
-162.1
30
0.839
-171.1
10.628
79.3
0.014
-9.9
0.764
-171.6
50
0.849
-172.9
6.212
71.0
0.012
-20.7
0.786
-171.4
100
0.886
-173.9
2.749
54.1
0.012
-34.1
0.842
-171.4
150
0.915
-175.1
1.541
40.2
0.009
-27.8
0.880
-173.6
200
0.932
-176.4
0.972
31.6
0.007
-36.9
0.908
-174.3
250
0.945
-177.3
0.671
24.5
0.006
-54.4
0.946
-176.2
300
0.951
-178.2
0.481
20.1
0.005
-30.4
0.941
-177.4
350
0.958
-179.3
0.365
15.2
0.003
13.1
0.952
-178.3
400
0.960
-179.8
0.291
13.4
0.003
-18.0
0.974
-179.8
450
0.964
179.5
0.243
8.5
0.004
45.3
0.963
179.6
500
0.966
178.7
0.195
6.8
0.003
42.3
0.971
178.6
550
0.970
178.2
0.154
5.2
0.004
78.6
0.975
177.5
600
0.967
177.5
0.133
4.8
0.005
80.1
0.965
176.8
650
0.971
177.0
0.119
1.0
0.003
72.0
0.972
176.0
700
0.970
176.5
0.109
-1.3
0.006
61.3
0.973
175.1
750
0.969
175.6
0.092
0.6
0.007
67.2
0.964
174.9
800
0.970
175.2
0.080
-4.0
0.005
82.2
0.974
173.9
850
0.976
174.5
0.073
-1.9
0.007
78.7
0.969
173.3
900
0.973
173.9
0.067
-5.4
0.008
69.9
0.973
172.6
950
0.973
173.2
0.058
4.1
0.008
86.8
0.973
171.5
1000
0.977
172.6
0.049
-8.7
0.011
78.7
0.971
171.7
S11
S21
S12
S22


Similar Part No. - RD100HHF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD100HHF1 MITSUBISHI-RD100HHF1 Datasheet
179Kb / 7P
   MOS FET type transistor specifically designed for HF High power amplifiers applications.
RD100HHF1 MITSUBISHI-RD100HHF1 Datasheet
267Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,100W
RD100HHF1 MITSUBISHI-RD100HHF1_10 Datasheet
267Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,100W
More results

Similar Description - RD100HHF1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD00HHS1 MITSUBISHI-RD00HHS1 Datasheet
157Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD00HHS1 MITSUBISHI-RD00HHS1_10 Datasheet
126Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD16HHF1 MITSUBISHI-RD16HHF1_11 Datasheet
590Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,16W
RD06HHF1 MITSUBISHI-RD06HHF1_11 Datasheet
583Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD06HHF1 MITSUBISHI-RD06HHF1_10 Datasheet
265Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,6W
RD100HHF1 MITSUBISHI-RD100HHF1_10 Datasheet
267Kb / 8P
   Silicon MOSFET Power Transistor 30MHz,100W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com