Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYLM-3528UXC-03-32-12V-W Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYLM-3528UXC-03-32-12V-W
Description  LED Strip Specifications PRODUCT SPECIFICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYLM-3528UXC-03-32-12V-W Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYLM-3528UXC-03-32-12V-W Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-3528UXC-03-32-12V-W Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-3528UXC-03-32-12V-W Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYLM-3528UXC-03-32-12V-W Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model. No.
■Package(5 meters)
The backsides of all products will stick ‘3M’ branded double-sided sticker with 8mm width.
Page
4/4
Rev.
Http://www.foryard.com
FYLM-3528UXC-03-32-12V-W
A
Model No.
:FYLM-3528UXC-03-32-12V-W
Part NO: FYLM-3528UXC-03-32-12V-W
Date:xxxx/xx/xx
Q'TY: 20PCS
FORYARD
QC:
QC
PASS
xxxxxxxxxx
FORYARD
O P T O E L E C T R O N I C S
LED
LED
LED
LED
PN:FYLM-3528UXC-03-32-12V-W
Qty:xxx PCS
Date:xxxx/xx/xx
GW: xx
KG
NW: xx
KG
xxxxxxxxxx
RoHS
RoHS
RoHS
RoHS
ATTENTION
ATTENTION
ATTENTION
ATTENTION
QC: QC
PASS
21.0
22
.0
5
FORYARD
O P T O E L E C T R O N I C S
www.foryard.com
44.0
46
.0
34
.0
RoHS
RoHS
RoHS
RoHS
OUTSIDE LABEL
OUTSIDE LABEL
XPCS/Polybag
xPolybags/Box
24Boxes/Carton


Similar Part No. - FYLM-3528UXC-03-32-12V-W

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLM-3528UXC-04-22-12V-W FORYARD-FYLM-3528UXC-04-22-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
More results

Similar Description - FYLM-3528UXC-03-32-12V-W

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLH-5050UX3C-30-12V-LW FORYARD-FYLH-5050UX3C-30-12V-LW Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-02-21-12V-W FORYARD-FYLM-5050UX3C-02-21-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-1044UXC-03-01-12V-W FORYARD-FYLM-1044UXC-03-01-12V-W Datasheet
1,000Kb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-04-12-12V-W FORYARD-FYLM-5050UX3C-04-12-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-1654UXC-04-07-12V-W FORYARD-FYLM-1654UXC-04-07-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLH-3528UXC-60-12V-LW FORYARD-FYLH-3528UXC-60-12V-LW Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-3528UXC-04-22-12V-W FORYARD-FYLM-3528UXC-04-22-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050RGB-03-02-12V-W FORYARD-FYLM-5050RGB-03-02-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-04-22-12V-W FORYARD-FYLM-5050UX3C-04-22-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
FYLM-5050UX3C-03-08-12V-W FORYARD-FYLM-5050UX3C-03-08-12V-W Datasheet
1Mb / 4P
   LED Strip Specifications PRODUCT SPECIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com