Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3404E Datasheet(PDF) 4 Page - RF Monolithics, Inc

Part # RF3404E
Description  433.92 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RF3404E Datasheet(HTML) 4 Page - RF Monolithics, Inc

  RF3404E Datasheet HTML 1Page - RF Monolithics, Inc RF3404E Datasheet HTML 2Page - RF Monolithics, Inc RF3404E Datasheet HTML 3Page - RF Monolithics, Inc RF3404E Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 4 of 4
©2008 by RF Monolithics, Inc.
RF3404E - 10/7/08
CH1
S21
LOG
10 dB/
REF -30 dB
CH1
CENTER
433
. 920
000
MHz
SPAN
100
. 000
000
MHz
Cor
CH2
S21
LOG
5 dB/
REF 15 dB
CH2
CENTER
433
. 920
000
MHz
SPAN
5 . 000
000
MHz
C
11 Jan 2008 10:22:38
1
1 : -2 . 4679
dB
433
. 920
000
MHz
Max
CH1 PASS
1
2
3
4
1 : 0. 0000
dB
0 . 000
000
MHz
Max
REF=1
CH2
Markers
BW :
. 635090
MHz
cent
:
433
. 940705
MHz
Q: 683
. 27
1_ loss
: -2 . 4810
dB
Resp
Resp


Similar Part No. - RF3404E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3404E MURATA-RF3404E Datasheet
130Kb / 4P
   433.92 MHz SAW Filter
More results

Similar Description - RF3404E

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3732 EPCOS-B3732 Datasheet
79Kb / 9P
   SAW filter 433.92 MHz
logo
Vanlong Technology Co.,...
SF5507 VANLONG-SF5507 Datasheet
130Kb / 2P
   433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2492A TAI-SAW-TA2492A Datasheet
887Kb / 7P
   SAW Filter 433.92 MHz
logo
Murata Manufacturing Co...
RF3446E MURATA-RF3446E Datasheet
81Kb / 3P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF1404C RFM-RF1404C Datasheet
127Kb / 3P
   433.92 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0944A TAI-SAW-TA0944A Datasheet
447Kb / 7P
   SAW Filter 433.92 MHz
logo
Murata Manufacturing Co...
RF1404C MURATA-RF1404C Datasheet
121Kb / 3P
   433.92 MHz SAW Filter
logo
RF Monolithics, Inc
RF3701E RFM-RF3701E Datasheet
459Kb / 2P
   433.92 MHz SAW Filter
logo
Murata Manufacturing Co...
RF1172C MURATA-RF1172C Datasheet
105Kb / 2P
   433.92 MHz SAW Filter
RF1172D MURATA-RF1172D Datasheet
339Kb / 3P
   433.92 MHz SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com