Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1143B Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # SF1143B
Description  315.00 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1143B Datasheet(HTML) 6 Page - RF Monolithics, Inc

  SF1143B Datasheet HTML 1Page - RF Monolithics, Inc SF1143B Datasheet HTML 2Page - RF Monolithics, Inc SF1143B Datasheet HTML 3Page - RF Monolithics, Inc SF1143B Datasheet HTML 4Page - RF Monolithics, Inc SF1143B Datasheet HTML 5Page - RF Monolithics, Inc SF1143B Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
315.00 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 6
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1143B-021606-Ver2.0
10-Terminal Ceramic Surface-Mount Case
7 x 5 mm Nominal Footprint
SMP-03 Case
Recommended PCB Footprint
A
B
C
H
E
P
D
H
J
K
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
6.80
7.00
7.20
0.268
0.276
0.283
B
4.80
5.00
5.20
0.189
0.197
0.205
C
1.65
2.00
0.065
0.079
D
.47
0.60
.73
0.019
0.024
0.029
E
2.41
2.54
2.67
0.095
0.100
0.105
H
0.87
1.0
1.13
0.034
0.039
0.044
J
4.87
5.00
5.13
0.192
0.197
0.202
K
2.87
3.00
3.13
0.113
0.118
0.123
P
1.14
1.27
1.40
0.045
0.050
0.055
Materials
Solder Pad
Termination
Au plating 30 - 60 uInches (76.2-152 uM) over 80-
200 uInches (203-508 uM) Ni.
Lid
Fe-Ni-Co Alloy Electroless Nickel Plate (8-11%
Phosphorus) 100-200 uInches Thick
Body
Al2O3 Ceramic
Pb Free
Electrical Connections
Connection
Terminals
Port 1
Input or Return
10
Return or Input
1
Port 2
Output or Return
5
Return or Output
6
Ground
All others
Single Ended Operation
Return is ground
Differential Operation
Return is hot


Similar Part No. - SF1143B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1143B MURATA-SF1143B Datasheet
459Kb / 6P
   315 MHz SAW Filter
logo
RF Monolithics, Inc
SF1143B-1 RFM-SF1143B-1 Datasheet
101Kb / 3P
   315 MHz SAW Notch Filter
logo
Murata Manufacturing Co...
SF1143B-1 MURATA-SF1143B-1 Datasheet
101Kb / 3P
   315 MHz SAW Filter
logo
RF Monolithics, Inc
SF1143B-2 RFM-SF1143B-2 Datasheet
103Kb / 3P
   315.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1143B-2 MURATA-SF1143B-2 Datasheet
103Kb / 3P
   315 MHz SAW Filter
More results

Similar Description - SF1143B

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SF315B VANLONG-SF315B Datasheet
148Kb / 2P
   315.00 MHz SAW Filter
SF315 VANLONG-SF315 Datasheet
150Kb / 2P
   315.00 MHz SAW Filter
SF5401 VANLONG-SF5401 Datasheet
122Kb / 2P
   315.00 MHz SAW Filter
logo
RF Monolithics, Inc
RF3417E RFM-RF3417E Datasheet
326Kb / 4P
   315.00 MHz SAW Filter
SF1143B-2 RFM-SF1143B-2 Datasheet
103Kb / 3P
   315.00 MHz SAW Filter
SF1142B RFM-SF1142B Datasheet
408Kb / 6P
   315.00 MHz SAW Filter
SF1143B-4 RFM-SF1143B-4 Datasheet
107Kb / 3P
   315.00 MHz SAW Filter
logo
EPCOS
B3731 EPCOS-B3731 Datasheet
95Kb / 10P
   SAW Components SAW filter 315.00 MHz
logo
Murata Manufacturing Co...
RO3073A-11 MURATA-RO3073A-11 Datasheet
393Kb / 2P
   315.00 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0182B TAI-SAW-TC0182B Datasheet
390Kb / 5P
   SAW Resonator 315.00 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com