Electronic Components Datasheet Search |
|
Y-CONC-IE66P-CU6P-2000-E Datasheet(PDF) 37 Page - Yamaichi Electronics Co., Ltd. |
|
Y-CONC-IE66P-CU6P-2000-E Datasheet(HTML) 37 Page - Yamaichi Electronics Co., Ltd. |
37 / 42 page SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 36 Pin No. Name Color Notes 1 VBUS Red Power 2 D- White Data - (Twisted pair) 3 D+ Green Data + (Twisted pair) 4 GND Black Ground Pin No. Name Color Notes 1 VBUS Red Power 2 D- White Data - 3 D+ Green Data + (Twisted pair) 4 GND Black Ground Other cable lengths and raw cable specifications on request Andere Kabellängen und Kabelspezifikation auf Anfrage erhältlich Other cable lengths and raw cable specifications on request Andere Kabellängen und Kabelspezifikation auf Anfrage erhältlich Description: Y-Con USB-A, IP67 / 68 / 69K and IP20 cable assembly in various configurations Y-Con USB-A, IP67 / 68 / 69K und IP20 Kabelkonfektion in verschiedenen Konfigurationen Material: Cable Jacket: PUR, black Mantel Specifications: Operating Temp.: -25°C ~ +80°C Betriebstemp. Wiring Information (standard) Material: Cable Jacket: PUR, black Mantel Specifications: Operating Temp.: -25°C ~ +80°C Betriebstemp. 1 4 2 3 1 4 2 3 USB-A USB-B Description: Y-Con USB-B, IP67 / 68 / 69K and IP20 cable assembly in various configurations Y-Con USB-B, IP67 / 68 / 69K und IP20 Kabelkonfektion in verschiedenen Konfigurationen |
Similar Part No. - Y-CONC-IE66P-CU6P-2000-E |
|
Similar Description - Y-CONC-IE66P-CU6P-2000-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |