Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2062A Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF2062A
Description  229.25 MHz SAW Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2062A Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF2062A Datasheet HTML 1Page - RF Monolithics, Inc SF2062A Datasheet HTML 2Page - RF Monolithics, Inc SF2062A Datasheet HTML 3Page - RF Monolithics, Inc SF2062A Datasheet HTML 4Page - RF Monolithics, Inc SF2062A Datasheet HTML 5Page - RF Monolithics, Inc SF2062A Datasheet HTML 6Page - RF Monolithics, Inc SF2062A Datasheet HTML 7Page - RF Monolithics, Inc SF2062A Datasheet HTML 8Page - RF Monolithics, Inc SF2062A Datasheet HTML 9Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
229.25 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF2062A-022007
CH1
S11
1 U FS
CENTR
229 . 250
MHz
SPAN
4 . 000
MHz
Cor
PRm
CH2
S21
LOG
10 dB/
REF -40 dB
CENTER
229 . 250
000
MHz
SPAN
4 . 000
000
MHz
Cor
PRm
CH3
S22
1 U FS
CENTR
229 . 250
MHz
SPAN
4 . 000
MHz
Cor
15 Jun 2006 16:28:39
1
1 : 46 . 875
5 . 9023
4 . 0977
nH
229 . 250
000
MHz
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
Max
REF=1
CH2
Markers
BW :
. 480371
MHz
cent
:
229 . 243919
MHz
Q: 477 . 22
1_ loss
: -6 . 0778
dB
1
1 : 44 . 410
47 . 613
33 . 055
nH
229 . 250
000
MHz
sf2062A
demo29_1
Full
Full


Similar Part No. - SF2062A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2062A MURATA-SF2062A Datasheet
339Kb / 10P
   229.25 MHz SAW Filter
More results

Similar Description - SF2062A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2062A MURATA-SF2062A Datasheet
339Kb / 10P
   229.25 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com