Electronic Components Datasheet Search |
|
Y-CONC-IE66P-IE6P-2000-F Datasheet(PDF) 30 Page - Yamaichi Electronics Co., Ltd. |
|
Y-CONC-IE66P-IE6P-2000-F Datasheet(HTML) 30 Page - Yamaichi Electronics Co., Ltd. |
30 / 42 page TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER 29 Y-ConCoupler-10 Y-ConCoupler-11 Description: IP67 coupler module (w/o electronics) screw mount, guide rails for modular assembly IP67 Kupplungsmodule (ohne Elektronik) mit Schraubhalterung und Führungsschienen für modularen Aufbau Material: PBT, UL94V-0 Specifications: Operating Temp.: -30°C ~ +120°C Betriebstemp. Description: IP67 Ethernet switch*,10BaseT / 100BaseTX, 7 data and 1 power port, unmanaged, Store/Forward, non-blocking, full or half duplex, auto-negotiated data control, screw mounted IP67 Ethernet-Schalter*,10BaseT/100BaseTX, 7 Datenports, 1 Stromversorgungsbuchse, unmanaged, Store / Forward, non-blocking, Voll- oder Halbduplexbetrieb, Auto-negotiated Data control, Wandbefestigung Material: Housing Aluminium Gehäuse Flange PBT, UL94V-0 Flansch Specifications Operating Temp.: -40°C ~ +85°C Betriebstemp. Electrical specifications (on request) Industrial Peripherals * i.a.w. IEEE 802.3 IEEE 1588 Part Number No. of Y-ConFlange-10* Colour Y-ConCoupler-10 2 Blue Y-ConCoupler-10-B 2 Black Y-ConCoupler-11 1 (plus cable gland ∅5.0 -9.0mm) Blue Y-ConCoupler-11-B 1 (plus cable gland ∅5.0 -9.0mm) Black Series Design Number (see table below) No Mark = Blue B = Blac Y-ConCoupler - ** * Part Number (Details) Series Design Number Y-ConSwitch-1U7P Part Number (Details) |
Similar Part No. - Y-CONC-IE66P-IE6P-2000-F |
|
Similar Description - Y-CONC-IE66P-IE6P-2000-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |