Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2221A Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # SF2221A
Description  193.60 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF2221A Datasheet(HTML) 1 Page - RF Monolithics, Inc

  SF2221A Datasheet HTML 1Page - RF Monolithics, Inc SF2221A Datasheet HTML 2Page - RF Monolithics, Inc SF2221A Datasheet HTML 3Page - RF Monolithics, Inc SF2221A Datasheet HTML 4Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 4
©2010 by RF Monolithics, Inc.
SF2221A - 11/12/10
Electrical Specifications
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
193.60
MHz
Passband:
Minimum Insertion Loss, 192.9 to 194.3 MHz
8.0
9.0
dB
1 dB Bandwidth
BW1
1, 2
1.0
1.27
MHz
3 dB Bandwidth
BW3
1.4
1.82
MHz
3 dB Passband VSWR, Matched
2.2:1
3:1
Group Delay Variation, 192.9 to 194.3 MHz
GDV
300
500
nsP-P
Absolute Delay at 193.6 MHz
AGD
800
900
1000
ns
Rejection:
1, 2, 3
dB
191.8 and 195.4 MHz
25
30
Ultimate Rejection, <182.6 MHz, >204.6 MHz
45
50
Operating Temperature Range
TA
10
+70
°C
• Precision IF SAW Filter
• Excellent Size-to-Performance Ratio
• Hermetic Surface-mount Case
• Single-ended Input and Output
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+18
dBm
Maximum DC Voltage Between any Two Terminals
30
VDC
Storage Temperature Range in Tape and Reel
-40 to +85
°C
Suitable for Lead-free Soldering - Maximum Soldering Profile
260°C for 30 s
193.60 MHz
SAW Filter
SF2221A
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with
impedance matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout
and external impedance matching design. See Application Note No. 42 for details.
4.
The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may
be calculated from: f=fo[1-FTC(To-Tc)
2].
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port
1 and Port 2, so that the filter must always be installed in one direction per the circuit design.
7.
US and international patents may apply.
Impedance Matching to 50
Ω Single-ended Source and Load
External L-C
Case Style
SM1154-14, 11.5 x 4 mm Nominal Footprint
Lid Symbolization (YY = year, WW = week)
SF2221A, YYWW
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
Preliminary
SM1154-14


Similar Part No. - SF2221A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2221A MURATA-SF2221A Datasheet
480Kb / 4P
   193.6 MHz SAW Filter
More results

Similar Description - SF2221A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2220C RFM-SF2220C Datasheet
668Kb / 4P
   193.60 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com