Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYSH-3528UXC-96-12V-WW8 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYSH-3528UXC-96-12V-WW8
Description  Monocolor Flexible SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYSH-3528UXC-96-12V-WW8 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYSH-3528UXC-96-12V-WW8 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-96-12V-WW8 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-96-12V-WW8 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-96-12V-WW8 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-96-12V-WW8 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model. No.
■Photo
■ Drawing (1 meter)
Notes:
1. All dimensions are millimeters.
2. Tolerance is ±0.2mm unless otherwise specified.
3. Specifications are subject to change without notice.
4. Dimension: L1000*W8*H2mm.without prior notice.
5. Can be cut or connected every three LEDs.
■Circuit Diagram(a single group)
Page
2/5
Rev.
Model No.
:FYSH-3528UXC-96-12V-WW8
Http://www.foryard.com
FYSH-3528UXC-96-12V-WW8
A
1000±10mm
110±3mm
8m
m
0.
2m
m
31.25mm
2.
0m
m
3.2
2.8
LE
D1
LE
D1
LE
D1
LE
D1
R1R1R1R1
LE
D2
LE
D2
LE
D2
LE
D2
LE
D3
LE
D3
LE
D3
LE
D3
LE
D4
LE
D4
LE
D4
LE
D4
R2R2R2R2
LE
D5
LE
D5
LE
D5
LE
D5
LE
D6
LE
D6
LE
D6
LE
D6
LE
D7
LE
D7
LE
D7
LE
D7
R3R3R3R3
LE
D8
LE
D8
LE
D8
LE
D8
LE
D9
LE
D9
LE
D9
LE
D9
LE
D9
4
LE
D9
4
LE
D9
4
LE
D9
4
R3
2
R3
2
R3
2
R3
2
LE
D9
5
LE
D9
5
LE
D9
5
LE
D9
5
LE
D9
6
LE
D9
6
LE
D9
6
LE
D9
6
VCC
VCC
VCC
VCC
LE
D9
1
LE
D9
1
LE
D9
1
LE
D9
1
R3
1
R3
1
R3
1
R3
1
LE
D9
2
LE
D9
2
LE
D9
2
LE
D9
2
LE
D9
3
LE
D9
3
LE
D9
3
LE
D9
3


Similar Part No. - FYSH-3528UXC-96-12V-WW8

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYSH-3528UXC-120-12V-WW8 FORYARD-FYSH-3528UXC-120-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-120-24V-WW8 FORYARD-FYSH-3528UXC-120-24V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-240-24V-WW12 FORYARD-FYSH-3528UXC-240-24V-WW12 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-60-12V-WW8 FORYARD-FYSH-3528UXC-60-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-60-24V-WW8 FORYARD-FYSH-3528UXC-60-24V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
More results

Similar Description - FYSH-3528UXC-96-12V-WW8

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYSH-5050RGB-30-12V-WW10 FORYARD-FYSH-5050RGB-30-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-60-12V-WW8 FORYARD-FYSH-3528UXC-60-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-120-12V-WW8 FORYARD-FYSH-3528UXC-120-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050UX3C-30-12V-WW10 FORYARD-FYSH-5050UX3C-30-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-60-24V-WW8 FORYARD-FYSH-3528UXC-60-24V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-66-12V-WW8 FORYARD-FYSH-3528UXC-66-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-120-24V-WW8 FORYARD-FYSH-3528UXC-120-24V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050RGB-60-24V-WW10 FORYARD-FYSH-5050RGB-60-24V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-0335UXC-60-12V-WW8 FORYARD-FYSH-0335UXC-60-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050RGB-60-12V-WW10 FORYARD-FYSH-5050RGB-60-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050UX3C-60-12V-WW10 FORYARD-FYSH-5050UX3C-60-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com