Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYSH-3528UXC-120-12V-WW8 Datasheet(PDF) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYSH-3528UXC-120-12V-WW8
Description  Monocolor Flexible SMD LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYSH-3528UXC-120-12V-WW8 Datasheet(HTML) 5 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYSH-3528UXC-120-12V-WW8 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-120-12V-WW8 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-120-12V-WW8 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-120-12V-WW8 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYSH-3528UXC-120-12V-WW8 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Model. No.
■How to use:
1. Please use this product with 12V DC.
2. Please complete the ESD-prevention before using.
3. The flexible LED strips should be neither bent into right-angles nor folded.
4. For this product, every three LEDs on the same strip can be cut off and use separately
(namely, every 100mm works as a group). Please refer to the ‘Outline’ for the details.
5. The calculating way that how many this product a power supply can upload is: the current(A) that the
power supply can offer/the current distributed to each single group*total group of this product
6. The strip quantity of each sting that directly connected to the power supply should not exceed 30 PCS;
otherwise, the brightness of the strip at the end of the string will be dimmed because of the voltage
reduction. Although a loop circuit can avoid reduction happening, one string should not connect
too many strips.
7. The wire with gray line is anode, while the red
、green、blue 、yellow、white is cathode, If polarities
connected in a wrong way, the strip will not be lit, but will not be damaged either. What
only needs to do is changing the polarity connection.
8. When installing the strips in the plastic letters or characters, please try to use 3 or 4
branch wires and when doing the connection try to make the strips in a letter or
character or box form a loop circuit or several loop circuits by using red and black wire to
connect the strips at the end of the strokes together according to their polarities.
9. This product is water-proof.
10.When installing the strip, the double-sided adhesive tape or carpenter’s glue is required
to make the clip slot of the strip firmly stuck together. When using the double-sided
adhesive tape, proper glass glue must be spread to avoid the strip falling off after
long-time exposed in the sunlight.
11.The strip quantity of each sting that directly connected to the power supply should not exceed
30pcs; otherwise, the brightness of the strip at the end of the string will be dimmed
because of the voltage reduction. Although a loop circuit can avoid reduction happening,
one string should not connect too many strips.
12.No push, squeeze or press on the components of the strip for fear damaging the
components to affect the lighting effects.
Page
5/5
A
Model No.
:FYSH-3528UXC-120-12V-WW8
Rev.
FYSH-3528UXC-120-12V-WW8
Http://www.foryard.com


Similar Part No. - FYSH-3528UXC-120-12V-WW8

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYSH-3528UXC-120-24V-WW8 FORYARD-FYSH-3528UXC-120-24V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
More results

Similar Description - FYSH-3528UXC-120-12V-WW8

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYSH-5050RGB-30-12V-WW10 FORYARD-FYSH-5050RGB-30-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-60-12V-WW8 FORYARD-FYSH-3528UXC-60-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050UX3C-30-12V-WW10 FORYARD-FYSH-5050UX3C-30-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-60-24V-WW8 FORYARD-FYSH-3528UXC-60-24V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-66-12V-WW8 FORYARD-FYSH-3528UXC-66-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-3528UXC-120-24V-WW8 FORYARD-FYSH-3528UXC-120-24V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050RGB-60-24V-WW10 FORYARD-FYSH-5050RGB-60-24V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-0335UXC-60-12V-WW8 FORYARD-FYSH-0335UXC-60-12V-WW8 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050RGB-60-12V-WW10 FORYARD-FYSH-5050RGB-60-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
FYSH-5050UX3C-60-12V-WW10 FORYARD-FYSH-5050UX3C-60-12V-WW10 Datasheet
1Mb / 5P
   Monocolor Flexible SMD LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com