Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-WB-01C2 Datasheet(PDF) 7 Page - STMicroelectronics

Part # CPL-WB-01C2
Description  Wide band directional coupler with ISO port
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-01C2 Datasheet(HTML) 7 Page - STMicroelectronics

  CPL-WB-01C2 Datasheet HTML 1Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 2Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 3Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 4Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 5Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 6Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 7Page - STMicroelectronics CPL-WB-01C2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CPL-WB-01C2
Ordering information
Doc ID 15366 Rev 3
7/8
4
Ordering information
5
Revision history
Table 4.
Ordering information
Order code
Marking
Base qty
Delivery mode
CPL-WB-01C2
RE
5000
Tape and reel
Table 5.
Document revision history
Date
Revision
Changes
15-Jan-2009
1
Initial release.
12-Oct-2009
2
Updated Table 3 value frequency range.
06-Jan-2010
3
Updated applications and description on page 1. Updated page layout.


Similar Part No. - CPL-WB-01C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CPL-WB-01D3 STMICROELECTRONICS-CPL-WB-01D3 Datasheet
182Kb / 10P
   Wide-band directional coupler with ISO port
More results

Similar Description - CPL-WB-01C2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CPL-WB-00D3 STMICROELECTRONICS-CPL-WB-00D3 Datasheet
161Kb / 8P
   Wide band directional coupler with ISO port
CPL-WB-01D3 STMICROELECTRONICS-CPL-WB-01D3 Datasheet
182Kb / 10P
   Wide-band directional coupler with ISO port
CPI-WB-00C2 STMICROELECTRONICS-CPI-WB-00C2 Datasheet
450Kb / 8P
   Wide band directional coupler with ISO port
January 2010 Doc ID 15088 Rev 3
CPL-WBF-00D3 STMICROELECTRONICS-CPL-WBF-00D3 Datasheet
372Kb / 9P
   Wide band directional coupler with ISO port
August 2013 Rev 2
DCPL-WB-00C2 STMICROELECTRONICS-DCPL-WB-00C2 Datasheet
145Kb / 11P
   Wide-band, dual-path directional coupler with ISO port
DCPL-WB-00D3 STMICROELECTRONICS-DCPL-WB-00D3 Datasheet
144Kb / 11P
   Wide-band, dual-path directional coupler with ISO port
CPL-WB-02D3 STMICROELECTRONICS-CPL-WB-02D3 Datasheet
101Kb / 7P
   Wide-band, directional coupler with integrated 50 ohm loaded isolated port
DCPL-WB-02D3 STMICROELECTRONICS-DCPL-WB-02D3 Datasheet
98Kb / 8P
   Wide-band, dual-path directional coupler with integrated 50 ohm loaded isolated port
logo
BOWEI Integrated Circui...
TDC-10A BOWEI-TDC-10A Datasheet
102Kb / 1P
   Broad band Directional Coupler
logo
API Technologies Corp
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com