Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL-WB-01D3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # CPL-WB-01D3
Description  Wide-band directional coupler with ISO port
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-01D3 Datasheet(HTML) 4 Page - STMicroelectronics

  CPL-WB-01D3 Datasheet HTML 1Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 2Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 3Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 4Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 5Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 6Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 7Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 8Page - STMicroelectronics CPL-WB-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
CPL-WB-01D3
4/10
Doc ID 019036 Rev 3
1.1
RF measurement
Figure 2.
Insertion loss
Figure 3.
Coupling LB
Figure 4.
Coupling HB
0.00
IL - dB
F (Hz)
-0.05
-0.10
-0.15
-0.20
-0.25
1.0E9
8.0E8
1.8E9
1.6E9
1.4E9
1.2E9
2.0E9
2.2E9
-28
-24
-23
-25
-26
-27
8.2E8
8.8E8
8.6E8
8.4E8
9.0E8
F (Hz)
CPLD_LB, dB
9.2E8
-21
-22
-17
-18
-19
-20
1.75E9
1.90E9
1.85E9
1.80E9
1.95E9
1.70E9
F (Hz)
CPLD_HB, dB
2.05E9
2.00E9


Similar Part No. - CPL-WB-01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CPL-WB-01C2 STMICROELECTRONICS-CPL-WB-01C2 Datasheet
453Kb / 8P
   Wide band directional coupler with ISO port
More results

Similar Description - CPL-WB-01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CPL-WB-00D3 STMICROELECTRONICS-CPL-WB-00D3 Datasheet
161Kb / 8P
   Wide band directional coupler with ISO port
CPI-WB-00C2 STMICROELECTRONICS-CPI-WB-00C2 Datasheet
450Kb / 8P
   Wide band directional coupler with ISO port
January 2010 Doc ID 15088 Rev 3
CPL-WBF-00D3 STMICROELECTRONICS-CPL-WBF-00D3 Datasheet
372Kb / 9P
   Wide band directional coupler with ISO port
August 2013 Rev 2
CPL-WB-01C2 STMICROELECTRONICS-CPL-WB-01C2 Datasheet
453Kb / 8P
   Wide band directional coupler with ISO port
DCPL-WB-00C2 STMICROELECTRONICS-DCPL-WB-00C2 Datasheet
145Kb / 11P
   Wide-band, dual-path directional coupler with ISO port
DCPL-WB-00D3 STMICROELECTRONICS-DCPL-WB-00D3 Datasheet
144Kb / 11P
   Wide-band, dual-path directional coupler with ISO port
CPL-WB-02D3 STMICROELECTRONICS-CPL-WB-02D3 Datasheet
101Kb / 7P
   Wide-band, directional coupler with integrated 50 ohm loaded isolated port
DCPL-WB-02D3 STMICROELECTRONICS-DCPL-WB-02D3 Datasheet
98Kb / 8P
   Wide-band, dual-path directional coupler with integrated 50 ohm loaded isolated port
logo
BOWEI Integrated Circui...
TDC-10A BOWEI-TDC-10A Datasheet
102Kb / 1P
   Broad band Directional Coupler
logo
API Technologies Corp
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com