Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP5078 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXP5078
Description  CMOS 4-bit Single Chip Microcomputer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP5078 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXP5078 Datasheet HTML 3Page - Sony Corporation CXP5078 Datasheet HTML 4Page - Sony Corporation CXP5078 Datasheet HTML 5Page - Sony Corporation CXP5078 Datasheet HTML 6Page - Sony Corporation CXP5078 Datasheet HTML 7Page - Sony Corporation CXP5078 Datasheet HTML 8Page - Sony Corporation CXP5078 Datasheet HTML 9Page - Sony Corporation CXP5078 Datasheet HTML 10Page - Sony Corporation CXP5078 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
– 7 –
CXP5076/5078
Symbol
Name
I/O
Equivalent Circuit
Description
Wake-up
input
32kHz T/C
clock input
32kHz T/C
clock output
Reference
voltage input
I
I
O
I
It is the input pin to release the
standby mode, and release by "1".
Input pin for 32kHz timer clock
generation circuit. Connect the
32.768kHz crystal oscillator between
TEX and TX. When using as the
event clock input, connect the clock
oscillation source to the TEX pin,
open the TX pin.
Output of clock generation circuit
Reference voltage input for power
supply voltage resetting circuit.
Connect the zener diode normally.
WP
TEX
TX
VREF
TEX
TX
P
N
P
N
Mask option
Schmitt inverter input
For all output ports, the output states of ports during standby possible to be programmed to the state holding
before standby or the change to the high impedance.
When the pull-up resistor output is selected, it becomes a pulled-up state even it is input port.
During standby, it is impossible to change to the high impedance of PY0 and PY1 in the inverter output state. To
change to the high impedance, select the pull-up resistor output, and then set to the high level output ("1" state).


Similar Part No. - CXP5078

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP5070 SONY-CXP5070 Datasheet
469Kb / 19P
   CMOS 4-BIT 1 CHIP MICROCOMPUTER
CXP50700 SONY-CXP50700 Datasheet
483Kb / 19P
   CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
CXP50712 SONY-CXP50712 Datasheet
456Kb / 18P
   CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
CXP50716 SONY-CXP50716 Datasheet
456Kb / 18P
   CMOS 4-BIT SINGLE CHIP MICROCOMPUTER
More results

Similar Description - CXP5078

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com