Electronic Components Datasheet Search |
|
CXP750010 Datasheet(PDF) 11 Page - Sony Corporation |
|
CXP750010 Datasheet(HTML) 11 Page - Sony Corporation |
11 / 25 page – 11 – CXP750096/750010, CXP750097/750011 4 pins 3 pins Pin After a reset Circuit format R G B Hi-Z Hi-Z I2C bus enable Port F data Port F function selection “0” after a reset “1” after a reset PWM4, PWM5 SCL, SDA SCL, SDA (I2C bus circuit) IP Schmitt input ∗ Large current 12mA To internal I2C pins (SCL1 for SCL0) BUS SW ∗ RD (Port F) Internal data bus R, G, B Output polarity “0” after a reset Writing data to output polarity register brings output to active. Port F PF4/SCL0 PF5/SCL1/PWM4 PF6/SDA0 PF7/SDA1/PWM5 EXLC XLC IP Oscillation control IP OSD display clock IP EXTAL XTAL • Diagram shows the circuit composition during oscillation. • Feedback resistor is removed and XTAL is driven at "H" level driving stop. (This device does not enter the stop mode.) Schmitt input Pull-up resistor OP Mask option 2 pins EXLC XLC 2 pins EXTAL XTAL 1 pin RST Oscillation halted Oscillation Low level (during a reset) |
Similar Part No. - CXP750010 |
|
Similar Description - CXP750010 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |