Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR016V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-TDR016V1
Description  RF power amplifier using 1 x PD55015E N-channel enhancement-mode lateral MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR016V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-TDR016V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR016V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STEVAL-TDR016V1
Typical performance
Doc ID 18030 Rev 1
5/13
Figure 5.
POUT and current vs drain voltage
@ f = 165 MHz
Figure 6.
POUT and current vs drain voltage
@ f = 155 MHz
Figure 7.
POUT vs pin and frequency
@ Vdd = 13.6 V
Figure 8.
Efficiency vs POUT and frequency @
Vdd = 13.6 V
0
4
8
12
16
20
24
28
32
36
4
6
8
1012
141618
2022
Vdd (V)
0,0
0,4
0,8
1,2
1,6
2,0
2,4
2,8
3,2
f = 165 MHz
Vdd = 20 V
Idq = 150 mA
Pin = 1.5 W
Pout
ID
0
4
8
12
16
20
24
28
32
36
4
6
8
1012
1416
1820
22
Vdd (V)
0,0
0,4
0,8
1,2
1,6
2,0
2,4
2,8
3,2
f = 155 MHz
Vdd = 20 V
Idq = 150 mA
Pin = 1.5 W
Pout
ID
0
2
4
6
8
10
12
14
16
18
0,0
0,2
0,4
0,6
0,8
1,0
Pin (W)
Vdd = 13.6 V
Idq = 150 mA
f = 165 MHz
f = 160 MHz
f = 155 MHz
0
10
20
30
40
50
60
70
80
02
46
8
10
12
14
16
18
Pout (W)
Vdd = 13.6 V
Idq = 150 mA
f = 155 MHz
f = 165 MHz
f = 160 MHz


Similar Part No. - STEVAL-TDR016V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR011V1 STMICROELECTRONICS-STEVAL-TDR011V1 Datasheet
818Kb / 12P
   2-stage RF power amplifier
STEVAL-TDR013V1 STMICROELECTRONICS-STEVAL-TDR013V1 Datasheet
358Kb / 16P
   Demonstration board using the PD84002 for UHF RFID reader
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
More results

Similar Description - STEVAL-TDR016V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB-54003-470 STMICROELECTRONICS-DB-54003-470 Datasheet
812Kb / 18P
   RF POWER amplifier using 1 x PD54003 N-Channel enhancement-mode lateral MOSFETs
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
DB-2933-54 STMICROELECTRONICS-DB-2933-54 Datasheet
678Kb / 13P
   RF POWER amplifier using 2 x SD2933 N-Channel enhancement-mode lateral MOSFETs
STEVAL-TDR005V1 STMICROELECTRONICS-STEVAL-TDR005V1 Datasheet
255Kb / 11P
   RF power amplifier using 2 x SD2943 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR009V1 STMICROELECTRONICS-STEVAL-TDR009V1 Datasheet
349Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2932 N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR010V1 STMICROELECTRONICS-STEVAL-TDR010V1 Datasheet
348Kb / 13P
   RF power amplifier demonstration board using: 2 x SD2942 N-channel enhancement-mode lateral MOSFETs
logo
Freescale Semiconductor...
AFT21S230SR3 FREESCALE-AFT21S230SR3 Datasheet
559Kb / 15P
   RF Power LDMOS Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
Motorola, Inc
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
   N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
   N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com