Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32100B-MCKIT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32100B-MCKIT
Description  Motor control starter kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32100B-MCKIT Datasheet(HTML) 1 Page - STMicroelectronics

  STM32100B-MCKIT Datasheet HTML 1Page - STMicroelectronics STM32100B-MCKIT Datasheet HTML 2Page - STMicroelectronics STM32100B-MCKIT Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
September 2011
Doc ID 022090 Rev 1
1/3
3
STM32100B-MCKIT
Motor control starter kit
Features
STEVAL-IHM023v2 (MB991) power stage
evaluation board
MB871 STM32F100B evaluation board
MB535B opto-isolation JTAG board
J-link USB.JTAG debugger
24 V DC Shinano PMSM motor
An auxiliary power supply block TR30R
Cables:
– Motor cables
– Motor connector HE10 34-pin cable
– USB cable
– Two JTAG cables
CD-ROM including:
– Software
– PMSM software libraries
– Documentation
Description
The STM32100B-MCKIT starter kit is an
integrated system designed to provide a
complete, ready-to-use motor control application
developed around the STMicroelectronics
STM32F100 microcontroller. This starter kit is
particularly suited to drive three-phase brushless
permanent magnet synchronous motors and
demonstrates how effectively the low-cost
STM32F100 microcontrollers can be used in cost
optimized real-world motor control applications.
The STM32100B-MCKIT supports Field Oriented
Control (FOC) drive of three-phase permanent
magnet synchronous motors (PMSM). Single-
shunt resistor current measurement is supported
out-of-the-box allowing closed loop torque control.
Position measurement can be implemented using
quadrature encoder sensors, Hall effect sensors
or sensorless algorithms.
The STM32100B-MCKIT starter kit can be run
either as a plug-and play, out-of-the-box, demo
with the provided PMSM motor, in sensorless
torque or speed control mode; or in conjunction
with a third-party IDE and C compiler, as a
development kit for creating your own motor
control application based on STM32F100.
Table 1.
Device summary
Order code
Reference
STM32100B-MCKIT
STM32F100-based motor
control starter kit
www.st.com


Similar Part No. - STM32100B-MCKIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32100B-EVAL STMICROELECTRONICS-STM32100B-EVAL Datasheet
130Kb / 3P
   STM32100B-EVAL evaluation board
More results

Similar Description - STM32100B-MCKIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
   Motor control starter kit
UM1452 STMICROELECTRONICS-UM1452 Datasheet
133Kb / 12P
   STM32100B-MCKIT motor control starter kit
September 2011 Rev 2
STM8-MCKIT STMICROELECTRONICS-STM8-MCKIT Datasheet
54Kb / 4P
   STM8/128-MCKIT motor control starter kit
128-MCKIT STMICROELECTRONICS-128-MCKIT Datasheet
55Kb / 4P
   STM8/128-MCKIT motor control starter kit
October 2010
ST7MC-KIT STMICROELECTRONICS-ST7MC-KIT Datasheet
161Kb / 5P
   Softec?셲 complete motor control starter kit for ST7MC
November 2011 Rev 2
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
   STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
8539SEG42V02H30S SCHNEIDER-8539SEG42V02H30S Datasheet
69Kb / 3P
   STARTER MOTOR CONTROL <1000VAC
Dec 26, 2023
logo
ATMEL Corporation
ATSTK94 ATMEL-ATSTK94 Datasheet
633Kb / 24P
   Starter Kit
logo
EnOcean GmbH.
EISKA ENOCEAN-EISKA Datasheet
129Kb / 1P
   Starter Kit
February 2022
logo
ATMEL Corporation
ATSAMD21BLDC24V-STK ATMEL-ATSAMD21BLDC24V-STK Datasheet
1Mb / 29P
   SMART ARM-based Motor Control Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com