Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N65ZL-TM3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 2N65ZL-TM3-T
Description  2A, 650V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N65ZL-TM3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  2N65ZL-TM3-T Datasheet HTML 1Page - Unisonic Technologies 2N65ZL-TM3-T Datasheet HTML 2Page - Unisonic Technologies 2N65ZL-TM3-T Datasheet HTML 3Page - Unisonic Technologies 2N65ZL-TM3-T Datasheet HTML 4Page - Unisonic Technologies 2N65ZL-TM3-T Datasheet HTML 5Page - Unisonic Technologies 2N65ZL-TM3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N65Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-825.b
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
-
+
Peak Diode Recovery dv/dt Test Circuit
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
VGS=
P.W.
Period
Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 2N65ZL-TM3-T

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
2N65ZL-TN3-R VBSEMI-2N65ZL-TN3-R Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
2N65ZL-TN3-T VBSEMI-2N65ZL-TN3-T Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - 2N65ZL-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65ZL UTC-2N65ZL Datasheet
232Kb / 6P
   2A, 650V N-CHANNEL POWER MOSFET
2N65K UTC-2N65K Datasheet
235Kb / 6P
   2A, 650V N-CHANNEL POWER MOSFET
2N65 UTC-2N65_11 Datasheet
195Kb / 6P
   2A, 650V N-CHANNEL POWER MOSFET
2N65L UTC-2N65L Datasheet
187Kb / 6P
   2A, 650V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
I2N65 WXDH-I2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
2N65 WXDH-2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
E2N65 WXDH-E2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
B2N65 WXDH-B2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
F2N65 WXDH-F2N65 Datasheet
1Mb / 12P
   2A 650V N-channel Enhancement Mode Power MOSFET
logo
HY ELECTRONIC CORP.
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
   650V / 2A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com