Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ23C3V9 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DZ23C3V9
Description  Zener Voltage Range 2.7 V to 51 V. Dual Silicon Zener Diodes, Common Cathode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DZ23C3V9 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DZ23C3V9 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DZ23C3V9 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 °C unless otherwise noted)
Test
Test
Min. Reverse
Current
Current
Voltage
at IR = 100 nA
IZT
ZZT @ IZT
ZZK @ IZK
IZK
VR
Min.
Max.
(mA)
(
Ω)(Ω)
(mA)
(V)
Min.
Max.
DZ23C2V7
JJ
2.5
2.9
5.0
75(<83)
<500
1.0
-
-9
-4
DZ23C3V0
JK
2.8
3.2
5.0
80(<95)
<500
1.0
-
-9
-3
DZ23C3V3
JM
3.1
3.5
5.0
80(<95)
<500
1.0
-
-8
-3
DZ23C3V6
JN
3.4
3.8
5.0
80(<95)
<500
1.0
-
-8
-3
DZ23C3V9
JP
3.7
4.1
5.0
80(<95)
<500
1.0
-
-7
-3
DZ23C4V3
JR
4.0
4.6
5.0
80(<95)
<500
1.0
-
-6
-1
DZ23C4V7
JX
4.4
5.0
5.0
70(<78)
<500
1.0
-
-5
2
DZ23C5V1
JY
4.8
5.4
5.0
30(<60)
<480
1.0
0.8
-3
4
DZ23C5V6
JZ
5.2
6.0
5.0
10(<40)
<400
1.0
1.0
-2
6
DZ23C6V2
KA
5.8
6.6
5.0
4.8(<10)
<200
1.0
2.0
-1
7
DZ23C6V8
KB
6.4
7.2
5.0
4.5(<8)
<150
1.0
3.0
2
7
DZ23C7V5
KC
7.0
7.9
5.0
4(<7)
<50
1.0
5.0
-3
7
DZ23C8V2
KD
7.7
8.7
5.0
4.5(<7)
<50
1.0
6.0
4
7
DZ23C9V1
KE
8.5
9.6
5.0
4.8(<10)
<50
1.0
7.0
5
8
DZ23C10
KF
9.4
10.6
5.0
5.2(<15)
<70
1.0
7.5
5
8
DZ23C11
KH
10.4
11.6
5.0
6(<20)
<70
1.0
8.5
5
9
DZ23C12
KJ
11.4
12.7
5.0
7(<20)
<90
1.0
9.0
6
9
DZ23C13
KK
12.4
14.1
5.0
9(<25)
<110
1.0
10.0
7
9
DZ23C15
KM
13.8
15.6
5.0
11(<30)
<110
1.0
11.0
7
9
DZ23C16
KN
15.3
17.1
5.0
13(<40)
<170
1.0
12.0
8
9.5
DZ23C18
KP
16.8
19.1
5.0
18(<50)
<170
1.0
14.0
8
9.5
DZ23C20
KR
18.8
21.2
5.0
20(<50)
<220
1.0
15.0
8
10
DZ23C22
KX
20.8
23.3
5.0
25(<55)
<220
1.0
17.0
8
10
DZ23C24
KY
22.8
25.6
5.0
28(<80)
<220
1.0
18.0
8
10
DZ23C27
KZ
25.1
28.9
5.0
30(<80)
<250
1.0
20.0
8
10
DZ23C30
MA
28.0
32.0
5.0
35(<80)
<250
1.0
22.5
8
10
DZ23C33
MB
31.0
35.0
5.0
40(<80)
<250
1.0
25.0
8
10
DZ23C36
MC
34.0
38.0
5.0
40(<90)
<250
1.0
27.0
8
10
DZ23C39
MD
37.0
41.0
5.0
50(<90)
<300
1.0
29.0
10
12
DZ23C43
ME
40.0
46.0
5.0
60(<100)
<700
1.0
32.0
10
12
DZ23C47
MF
44.0
50.0
5.0
70(<100)
<750
1.0
35.0
10
12
DZ23C51
MH
48.0
54.0
5.0
70(<100)
<750
1.0
38.0
10
12
Note : (1) Tested with pulses tp = 5 ms.
Temperature Coefficient
at Zener Voltage
α
VZ at IZ = 5 mA
(10
-4/°C)
Type No.
Dynamic
VZ @ IZT (V)
Impedance(f = 1 kHz)
Marking
Zener Voltage
(1)
DZ23 Series
Zener Diodes


Similar Part No. - DZ23C3V9

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C3V9 VISHAY-DZ23C3V9 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
DZ23C3V9 VISHAY-DZ23C3V9 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C3V9 DIODES-DZ23C3V9 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
logo
Micro Commercial Compon...
DZ23C3V9 MCC-DZ23C3V9 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
Diodes Incorporated
DZ23C3V9 DIODES-DZ23C3V9 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
More results

Similar Description - DZ23C3V9

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
DZ23 GE-DZ23 Datasheet
404Kb / 9P
   Dual Common-Cathode Zener Diodes
logo
RFE international
DZ23C2V4 RFE-DZ23C2V4 Datasheet
2Mb / 5P
   Zener Diodes (Dual, Common Cathode)
19-JUN-2023
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_10 Datasheet
402Kb / 2P
   SURFACE MOUNT DUAL, COMMON CATHODE SILICON ZENER DIODES 2.4 VOLTS
logo
Suntan Capacitors
BZX84C SUNTAN-BZX84C Datasheet
136Kb / 3P
   Zener breakdown voltage range - 2.0 V to 75 V
logo
Micro Commercial Compon...
AZ23C2V7 MCC-AZ23C2V7 Datasheet
139Kb / 4P
   300 mW Zener Diode 2.7 to 51 Volts
logo
Shanghai Leiditech Elec...
MM5Z2V0 LEIDITECH-MM5Z2V0 Datasheet
518Kb / 4P
   Standard Zener Breakdown Voltage Range 2.0 V to 75 V
logo
RFE international
AZ23C2V7 RFE-AZ23C2V7 Datasheet
1Mb / 4P
   Zener Diodes (Dual, Common Anode)
DEC-5-2023
logo
Central Semiconductor C...
CR16UD-02FP CENTRAL-CR16UD-02FP_15 Datasheet
368Kb / 3P
   DUAL, COMMON CATHODE V
logo
Rectron Semiconductor
CZMK4V7 RECTRON-CZMK4V7 Datasheet
33Kb / 1P
   SOT-23 DUAL ZENER DIODE (Common Cathode)
logo
Central Semiconductor C...
CMPZDA3V6 CENTRAL-CMPZDA3V6_15 Datasheet
395Kb / 2P
   SURFACE MOUNT DUAL, COMMON ANODE SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com