Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1184B-1 Datasheet(PDF) 5 Page - RF Monolithics, Inc

Part # SF1184B-1
Description  947.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1184B-1 Datasheet(HTML) 5 Page - RF Monolithics, Inc

  SF1184B-1 Datasheet HTML 1Page - RF Monolithics, Inc SF1184B-1 Datasheet HTML 2Page - RF Monolithics, Inc SF1184B-1 Datasheet HTML 3Page - RF Monolithics, Inc SF1184B-1 Datasheet HTML 4Page - RF Monolithics, Inc SF1184B-1 Datasheet HTML 5Page - RF Monolithics, Inc SF1184B-1 Datasheet HTML 6Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 5 of 6
©2008 by RF Monolithics, Inc.
SF1184B-1 - 10/17/08
Tape and Reel Specifications
“B “
Nominal Size
Quantity Per Reel
Inches
millimeters
Min
Max
7
178
TBD
TBD
13
330
TBD
TBD
See Detail "A"
2.0
12.0
RO.3
(MAX.)
1.4
SECTION A-A
0.3
SECTION B-B
3.35
2.0
4.0
3.35
8.0
BB
A
R0.5
(TYP.)
A
1.5
1.5


Similar Part No. - SF1184B-1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
More results

Similar Description - SF1184B-1

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0991A TAI-SAW-TA0991A Datasheet
394Kb / 7P
   SAW Filter 947.5 MHz
logo
Murata Manufacturing Co...
SF1184B-1 MURATA-SF1184B-1 Datasheet
201Kb / 6P
   947.5 MHz SAW Filter
logo
Spectrum Microwave, Inc...
SF0948BA02589S SPECTRUM-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
Oscilent Corporation
802-RF947.5M-A OSCILENT-802-RF947.5M-A Datasheet
176Kb / 2P
   947.5 MHz RF SAW Filter
logo
Golledge Electronics Lt...
MA04712 GOLLEDGE-MA04712 Datasheet
181Kb / 9P
   SAW Filter 947.5 MHz For GSM
logo
API Technologies Corp
SF0948BA02589S APITECH-SF0948BA02589S Datasheet
118Kb / 3P
   947.5 MHz SAW Filter 25 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0748B TAI-SAW-TA0748B Datasheet
369Kb / 8P
   SAW Filter 947.5 MHz For GSM
TE1842-947EC TAI-SAW-TE1842-947EC Datasheet
510Kb / 8P
   Dual SAW Filter 947.5 and 1842.5 MHz
TA0361A TAI-SAW-TA0361A Datasheet
264Kb / 7P
   SAW Filter 947.5 MHz SMD 3X3 mm
logo
Golledge Electronics Lt...
MA04711 GOLLEDGE-MA04711 Datasheet
136Kb / 7P
   SAW Filter 947.5 MHz for Mobile Communication
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com