Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1212D Datasheet(PDF) 3 Page - RF Monolithics, Inc

Part # SF1212D
Description  452.5 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

SF1212D Datasheet(HTML) 3 Page - RF Monolithics, Inc

  SF1212D Datasheet HTML 1Page - RF Monolithics, Inc SF1212D Datasheet HTML 2Page - RF Monolithics, Inc SF1212D Datasheet HTML 3Page - RF Monolithics, Inc SF1212D Datasheet HTML 4Page - RF Monolithics, Inc SF1212D Datasheet HTML 5Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.RFM.com E-mail: info@rfm.com
Page 3 of 5
©2008 by RF Monolithics, Inc.
SF1212D - 12/12/08
VSWR
S11 and S22 Plots


Similar Part No. - SF1212D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1212D MURATA-SF1212D Datasheet
252Kb / 5P
   452.5 MHz SAW Filter
More results

Similar Description - SF1212D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1212D MURATA-SF1212D Datasheet
252Kb / 5P
   452.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1421A TAI-SAW-TA1421A Datasheet
338Kb / 7P
   SAW Filter 452.5 MHz SMD 3.8횞3.8mm (BW=4.8MHz)
logo
Transko Electronics, In...
TD452BK6 TRANSKO-TD452BK6 Datasheet
660Kb / 7P
   CDMA450 Rx Balanced SAW Duplexer For 452.5 MHz / 462. 5 MHz
Revision 0: August 2011
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com